Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3577
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 23Page - Linear Technology LTC3577 Datasheet HTML 24Page - Linear Technology LTC3577 Datasheet HTML 25Page - Linear Technology LTC3577 Datasheet HTML 26Page - Linear Technology LTC3577 Datasheet HTML 27Page - Linear Technology LTC3577 Datasheet HTML 28Page - Linear Technology LTC3577 Datasheet HTML 29Page - Linear Technology LTC3577 Datasheet HTML 30Page - Linear Technology LTC3577 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
LTC3675
27
3675fa
APPLICATIONS INFORMATION
Table 7. Recommended Inductors for 2A Combined Buck Regulator
PART NUMBER
L(μH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L
× W × H)
MANUFACTURER
XFL4022-222
2.2
3.5
21.35
4
× 4 × 2
Coilcraft
www.coilcraft.com
LPS6225-222
2.2
4
45
6
× 6 × 2.5
Coilcraft
www.coilcraft.com
FDV0530-2R2
2.2
5.3
17.3
6.2
× 5.8 × 3
Toko
www.toko.com
Table 6. Buck Regulator Program Register Bit Format
Bit7
Enable
Default is '0' which disables the part. A buck regulator can also be enabled via its enable pin.
When enabled via pin, the contents of the I2C register program its functionality.
Bit6
OUT_Hi-Z
Default is ‘1’ in which the SW node remains in a high impedance state when the regulator is in shutdown.
A ‘0’ pulls the SW node to GND through a 10k resistor.
Bit5
Mode
Default is ‘1’ which is Burst Mode operation. A ‘0’ programs the regulator to operate in pulse-skipping mode.
Bit4
Slow Edge
This bit controls the slew rate of the switch node. Default is '0' which enables the switch node to slew at a
faster rate, than if the bit were programmed a '1'.
Bit3(DAC3)
Bit2(DAC2)
Bit1(DAC1)
Bit0(DAC0)
DAC Control
These bits are used to program the feedback regulation voltage. Default is '1111' which programs a full-scale
voltage of 800mV. Bits '0000' program the lowest feedback regulation of 425mV. A LSB (DAC0) has a bit
weight of 25mV.
Table 8. Recommended Inductors for Boost Regulator and Buck-Boost Regulator
PART NUMBER
L(μH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L
× W × H)
MANUFACTURER
XFL4022-222
2.2
3.5
21.35
4
×4 × 2
Coilcraft
www.coilcraft.com
LTF5022-2R2
2.2
3.2
36
5
× 5.2 × 2.2
TDK
www.tdk.com
Table 9. Boost Regulator Program Register Bit Format
Bit7
Enable
Default is ‘0’ which disables the boost.
Bit6
x
Unused
Bit5
Mode
Mode = 0 is PWM mode, Mode = 1 is Burst Mode operation
Bit4
Slow Edge
This bit controls the slew rate of the switch node. Default is ‘0’ which enables the switch node
to slew at a faster rate than if the bit were programmed a ‘1.’
Bit3(DAC3)
Bit2(DAC2)
Bit1(DAC1)
Bit0(DAC0)
DAC Control
These bits are used to program the feedback regulation voltage. Default is ‘1111’ which
programs a full-scale voltage of 800mV. Bits ‘0000’ program the lowest feedback regulation of
425mV. A LSB (DAC0) has a bit weight of 25mV.
a 47μF capacitor for a 2A combined buck regulator and
22μF for a 1A combined buck regulator. Refer to “Capaci-
tor Selection” in the Applications Information section for
details on selecting a proper capacitor.
Boost Regulator
The boost regulator is designed to be used with a 2.2μH
inductor. Table 8 provides a list of recommended inductors.
The input supply needs to be decoupled with a 10μF
capacitor while the output needs to be decoupled with
two 22μF capacitors. Refer to Capacitor Selection in the
Applications Information section for details on selecting
a proper capacitor.
The boost regulator can be programmed via I2C. To pro-
gram the boost regulator, use sub-address 05h. The bit
format is explained in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com