Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3577
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 27Page - Linear Technology LTC3577 Datasheet HTML 28Page - Linear Technology LTC3577 Datasheet HTML 29Page - Linear Technology LTC3577 Datasheet HTML 30Page - Linear Technology LTC3577 Datasheet HTML 31Page - Linear Technology LTC3577 Datasheet HTML 32Page - Linear Technology LTC3577 Datasheet HTML 33Page - Linear Technology LTC3577 Datasheet HTML 34Page - Linear Technology LTC3577 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LTC3675
31
3675fa
APPLICATIONS INFORMATION
Status Byte Read Back
When either the RSTB or IRQB pin is pulled low, it indicates
to the user that a fault condition has occurred. To find out
the exact nature of the fault, the user can read the status reg-
isters. There are two status registers. One register provides
real time fault condition reporting while a second register
latches data when an interrupt has occurred. Figure 4
shows the operation of the real time and latched status
registers. The contents of the latched status register are
cleared when a CLRINT signal is issued. A PGOOD bit is
a ‘0’ if that regulator’s output voltage is more than 8%
below its programmed value.
The sub-address for the real time status register is 0Ch
and its format is as follows:
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Unused
Unused
PGOOD6
PGOOD5
PGOOD4
PGOOD3
PGOOD2
PGOOD1
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
UV
OT
PGOOD6
PGOOD5
PGOOD4
PGOOD3
PGOOD2
PGOOD1
The sub-address for the latched status register is 0Dh and
its format is as follows:
A write operation cannot be performed to either of the
status registers.
PCB Considerations
When laying out the printed circuit board, the following
list should be followed to ensure proper operation of the
LTC3675:
1. The exposed pad of the package (pin 45) should connect
directly to a large ground plane to minimize thermal and
electrical impedance.
2. All the input supply pins must be tied together and each
supply pin should have a decoupling capacitor.
3. The switching regulator input supply pins and their re-
spective decoupling capacitors should be kept as short
as possible. The GND side of these capacitors should



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com