Electronic Components Datasheet Search
  English  ▼

X  

LTC3577 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3577
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 26Page - Linear Technology LTC3577 Datasheet HTML 27Page - Linear Technology LTC3577 Datasheet HTML 28Page - Linear Technology LTC3577 Datasheet HTML 29Page - Linear Technology LTC3577 Datasheet HTML 30Page - Linear Technology LTC3577 Datasheet HTML 31Page - Linear Technology LTC3577 Datasheet HTML 32Page - Linear Technology LTC3577 Datasheet HTML 33Page - Linear Technology LTC3577 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LTC3675
30
3675fa
APPLICATIONS INFORMATION
Choosing the CT Capacitor
The CT capacitor may be used to program the timing
parameters associated with the pushbutton. For a given
CT capacitor the timing parameters may be calculated as
below. CT is in units of μF.
tONB_LO = 5000 × CT ms
tPBSTAT_PW = 5000 × CT ms
tONB_WAKE = 40000 × CT ms
tWAKE_ON = 500 × CT seconds
tONB_HR = 500 × CT seconds
tHR = 100 × CT seconds
Programming the UVOT Register
The UV/OT warning byte (default 0000 0000) structure
is as below:
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET_ALL
UV[2]
UV[1]
UV[0]
Unused
Unused
OT[1]
OT[0]
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Unused
PGOOD7
PGOOD6
PGOOD5
PGOOD4
PGOOD3
PGOOD2
PGOOD1
Programming the RSTB and IRQB Mask Registers
The RSTB mask register can be programmed by the user
at sub-address 0Ah and its format is as below.
If a bit is set to ‘1,’ then the corresponding regulator’s
PGOOD will pull RSTB low if a PGOOD fault were to occur.
The default for this register is FFh.
The IRQB mask register has the same bit format as the
RSTB mask register. The IRQB mask register is located at
sub-address 0Bh and its default contents are 00h.
PGOOD7 is used only when the LED driver is configured
as a high voltage boost regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com