Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232B5MB Datasheet(PDF) 60 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 60 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 56Page - Elpida Memory EDJ8232B5MB Datasheet HTML 57Page - Elpida Memory EDJ8232B5MB Datasheet HTML 58Page - Elpida Memory EDJ8232B5MB Datasheet HTML 59Page - Elpida Memory EDJ8232B5MB Datasheet HTML 60Page - Elpida Memory EDJ8232B5MB Datasheet HTML 61Page - Elpida Memory EDJ8232B5MB Datasheet HTML 62Page - Elpida Memory EDJ8232B5MB Datasheet HTML 63Page - Elpida Memory EDJ8232B5MB Datasheet HTML 64Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
60
CKE (input pin)
CKE high activates, and CKE low deactivates, internal clock signals and device input buffers and output drivers.
Taking CKE low provides precharge power-down and self-refresh operation (all banks idle), or active power-down
(row active in any bank). CKE is asynchronous for self-refresh exit. After VREF has become stable during the
power-on and initialization sequence, it must be maintained for proper operation of the CKE receiver. For proper
self-refresh entry and exit, VREF must be maintained to this input. CKE must be maintained high throughout read
and write accesses. Input buffers, excluding CK, /CK, ODT and CKE are disabled during power-down. Input buffers,
excluding CKE, are disabled during self-refresh.
DM0 to DM3 (input pins)
DM is an input mask signal for write data. Input data is masked when DM is sampled high coincident with that input
data during a write access. DM is sampled on both edges of DQS.
In this datasheet, DM represents DM0 to DM3.
DQ (input/output pins)
Bi-directional data bus.
DQS0 to DQS3, /DQS0 to /DQS3 (input/output pins)
Output with read data, input with write data. Edge-aligned with read data, center-aligned with write data.
The data strobe DQS is paired with differential signal /DQS to provide differential pair signaling to the system during
READs and WRITEs.
In this datasheet, DQS represents DQS0 to DQS3 and /DQS represents /DQS0 to /DQS3.
[DQS and DM Correspondence Table]
Part number
Organization
DQS
/DQS
Data mask
DQs
EDJ8232E5MB
 32 bits
DQS0
/DQS0
DM0
DQ0 to DQ7
DQS1
/DQS1
DM1
DQ8 to DQ15
DQS2
/DQS2
DM2
DQ16 to DQ23
DQS3
/DQS3
DM3
DQ24 to DQ31
/RESET (input pin)
/RESET is a CMOS rail to rail signal with DC high and low at 80% and 20% of VDD (1.20V for DC high and 0.30V
for DC low).
It is negative active signal (active low) and is referred to GND. There is no termination required on this signal. It will
be heavily loaded across multiple chips. /RESET is destructive to data contents.
ODT (input pin)
ODT (registered high) enables termination resistance internal to the DDR3 SDRAM. When enabled, ODT is applied
to each DQ, DQS, /DQS, DM signal. The ODT pin will be ignored if the mode register (MR1) is programmed to
disable ODT.
ZQ0, ZQ1 (supply)
Reference pin for ZQ calibration.
VDD, VSS, VDDQ, VSSQ (power supply pins)
VDD and VSS are power supply pins for internal circuits. VDDQ and VSSQ are power supply pins for the output
buffers.
VREFCA, VREFDQ (power supply pins)
Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com