Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232B5MB Datasheet(PDF) 25 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 25 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 21Page - Elpida Memory EDJ8232B5MB Datasheet HTML 22Page - Elpida Memory EDJ8232B5MB Datasheet HTML 23Page - Elpida Memory EDJ8232B5MB Datasheet HTML 24Page - Elpida Memory EDJ8232B5MB Datasheet HTML 25Page - Elpida Memory EDJ8232B5MB Datasheet HTML 26Page - Elpida Memory EDJ8232B5MB Datasheet HTML 27Page - Elpida Memory EDJ8232B5MB Datasheet HTML 28Page - Elpida Memory EDJ8232B5MB Datasheet HTML 29Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
25
Output Driver DC Electrical Characteristics
(RZQ = 240
, entire operating temperature range; after proper ZQ calibration)
RONnom Resistor
VOUT
min.
nom.
max.
Unit
Notes
40
RON40Pd
VOL (DC) = 0.2 × VDDQ
VOM (DC) = 0.5 × VDDQ
VOH (DC) = 0.8 × VDDQ
0.6
0.9
0.9
1.0
1.0
1.0
1.1
1.1
1.4
RZQ/6
1, 2, 3
RON40Pu
VOL (DC) = 0.2 × VDDQ
VOM (DC) = 0.5 × VDDQ
VOH (DC) = 0.8 × VDDQ
0.9
0.9
0.6
1.0
1.0
1.0
1.4
1.1
1.1
RZQ/6
1, 2, 3
34
RON34Pd
VOL (DC) = 0.2 × VDDQ
VOM (DC) = 0.5 × VDDQ
VOH (DC) = 0.8 × VDDQ
0.6
0.9
0.9
1.0
1.0
1.0
1.1
1.1
1.4
RZQ/7
1, 2, 3
RON34Pu
VOL (DC) = 0.2 × VDDQ
VOM (DC) = 0.5 × VDDQ
VOH (DC) = 0.8 × VDDQ
0.9
0.9
0.6
1.0
1.0
1.0
1.4
1.1
1.1
RZQ/7
1, 2, 3
Mismatch between pull-up and pull down, MMPuPd
VOM (DC) = 0.5 × VDDQ
10
+10
%
1, 2, 4
Notes: 1. The tolerance limits are specified after calibration with stable voltage and temperature.
For the behavior of the tolerance limits if temperature or voltage changes after calibration, see following
section on voltage and temperature sensitivity.
2. The tolerance limits are specified under the condition that VDDQ = VDD and that VSSQ = VSS.
3. Pull-down and pull-up output driver impedances are recommended to be calibrated at 0.5
 VDDQ. Other
calibration schemes may be used to achieve the linearity spec shown above, e.g. calibration at 0.2 ×
VDDQ and 0.8
 VDDQ.
4. Measurement definition for mismatch between pull-up and pull-down, MMPuPd:
Measure RONPu and RONPd, both at 0.5
 VDDQ:
100
RONnom
RONPd
-
RONPu
MMPuPd
Output Driver Temperature and Voltage Sensitivity
If temperature and/or voltage change after calibration, the tolerance limits widen according to the table Output Driver
Sensitivity Definition and Output Driver Voltage and Temperature Sensitivity.
T = T  T (@calibration); V= VDDQ  VDDQ (@calibration); VDD = VDDQ
Note: dRONdT and dRONdV are not subject to production test but are verified by design and characterization.
[Output Driver Sensitivity Definition]
min
max
unit
RONPu@VOH (DC)
0.6
 dRONdTH  |ΔT|  dRONdVH  |ΔV|
1.1 + dRONdTH
 |ΔT| + dRONdVH  |ΔV|
RZQ/7
RON@ VOM (DC)
0.9
 dRONdTM  |ΔT|  dRONdVM  |ΔV|
1.1 + dRONdTM
 |ΔT| + dRONdVM  |ΔV|
RZQ/7
RONPd@VOL (DC)
0.6
 dRONdTL  |ΔT|  dRONdVL  |ΔV|
1.1 + dRONdTL
 |ΔT| + dRONdVL  |ΔV|
RZQ/7
[Output Driver Voltage and Temperature Sensitivity]
DDR3-1600
DDR3-1333
min.
max.
max.
Unit
dRONdTM
0
1.5
1.5
%/
C
dRONdVM
0
0.13
0.15
%/mV
dRONdTL
0
1.5
1.5
%/
C
dRONdVL
0
0.13
0.15
%/mV
dRONdTH
0
1.5
1.5
%/
C
dRONdVH
0
0.13
0.15
%/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com