Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232B5MB Datasheet(PDF) 76 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 76 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 72Page - Elpida Memory EDJ8232B5MB Datasheet HTML 73Page - Elpida Memory EDJ8232B5MB Datasheet HTML 74Page - Elpida Memory EDJ8232B5MB Datasheet HTML 75Page - Elpida Memory EDJ8232B5MB Datasheet HTML 76Page - Elpida Memory EDJ8232B5MB Datasheet HTML 77Page - Elpida Memory EDJ8232B5MB Datasheet HTML 78Page - Elpida Memory EDJ8232B5MB Datasheet HTML 79Page - Elpida Memory EDJ8232B5MB Datasheet HTML 80Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
76
DLL on/off switching procedure
DDR3 DLL-off mode is entered by setting MR1 bit A0 to “1”; this will disable the DLL for subsequent operations until
A0 bit set back to “0”.
DLL “on” to DLL “off” Procedure
To switch from DLL “on” to DLL “off” requires the frequency to be changed during self-refresh outlined in the
following procedure:
1. Starting from Idle state (all banks pre-charged, all timings fulfilled, and DRAMs On-die Termination resistors,
RTT, must be in high impedance state before MRS to MR1 to disable the DLL.)
2. Set MR1 Bit A0 to “1” to disable the DLL.
3. Wait tMOD.
4. Enter self-refresh mode; wait until (tCKSRE) satisfied.
5. Change frequency, in guidance with Input Clock Frequency Change during Precharge Power-Down section.
6. Wait until a stable clock is available for at least (tCKSRX) at DRAM inputs. After stable clock, wait tCKSRX
before issuing SRX command.
7. Starting with the self-refresh exit command, CKE must continuously be registered high until all tMOD timings from
any MRS command are satisfied. In addition, if any ODT features were enabled in the mode registers when self-
refresh mode was entered, the ODT signal must continuously be registered low until all tMOD timings from any
MRS command are satisfied. If both ODT features were disabled in the mode registers when self-refresh mode
was entered, ODT signal can be registered low or high.
8. Wait tXS, then set mode registers with appropriate values (especially an update of CL, CWL and WR may be
necessary. A ZQCL command may also be issued after tXS).
9. Wait for tMOD, then DRAM is ready for next command.
Ta
Tb
Tc Tc+1 Tc+2
Te
Td
Tf
Tf+2
Tf+1
Tg Tg+1
Th
CK
Command
CKE
ODT
/CK
MRS
SRE NOP
SRX
MRS
Valid
Change Frequency
tCKESR
tMOD
tCKSRE
tCKSRX
tXS
tMOD
DLL Switch Sequence from DLL-on to DLL-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com