Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232B5MB Datasheet(PDF) 64 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 64 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 60Page - Elpida Memory EDJ8232B5MB Datasheet HTML 61Page - Elpida Memory EDJ8232B5MB Datasheet HTML 62Page - Elpida Memory EDJ8232B5MB Datasheet HTML 63Page - Elpida Memory EDJ8232B5MB Datasheet HTML 64Page - Elpida Memory EDJ8232B5MB Datasheet HTML 65Page - Elpida Memory EDJ8232B5MB Datasheet HTML 66Page - Elpida Memory EDJ8232B5MB Datasheet HTML 67Page - Elpida Memory EDJ8232B5MB Datasheet HTML 68Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
64
Self-Refresh Command [SELF]
The self-refresh command can be used to retain data in the DDR3, even if the rest of the system is powered down.
When in the self-refresh mode, the DDR3 retains data without external clocking.
The self-refresh command is
initiated like an auto-refresh command except CKE is disabled (low).
The DLL is automatically disabled upon
entering self-refresh and is automatically enabled and reset upon exiting self-refresh. The active termination is also
disabled upon entering self-refresh and enabled upon exiting self-refresh. (512 clock cycles must then occur before
a read command can be issued). Input signals except CKE are "Don't Care" during self-refresh. The procedure for
exiting self-refresh requires a sequence of commands. First, CK and /CK must be stable prior to CKE going back
high. Once CKE is high, the DDR3 must have NOP commands issued for tXSDLL because time is required for the
completion of any internal refresh in progress. A simple algorithm for meeting both refresh, DLL requirements and
out-put calibration is to apply NOPs for 512 clock cycles before applying any other command to allow the DLL to lock
and the output drivers to recalibrate.
ZQ calibration Command [ZQCL, ZQCS]
ZQ calibration command (short or long) is used to calibrate DRAM RON and ODT values over PVT.
ZQ Calibration Long (ZQCL) command is used to perform the initial calibration during power-up initialization
sequence.
ZQ Calibration Short (ZQCS) command is used to perform periodic calibrations to account for VT variations.
All banks must be precharged and tRP met before ZQCL or ZQCS commands are issued by the controller.
ZQ calibration commands can also be issued in parallel to DLL lock time when coming out of self-refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com