Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232B5MB Datasheet(PDF) 18 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 18 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 14Page - Elpida Memory EDJ8232B5MB Datasheet HTML 15Page - Elpida Memory EDJ8232B5MB Datasheet HTML 16Page - Elpida Memory EDJ8232B5MB Datasheet HTML 17Page - Elpida Memory EDJ8232B5MB Datasheet HTML 18Page - Elpida Memory EDJ8232B5MB Datasheet HTML 19Page - Elpida Memory EDJ8232B5MB Datasheet HTML 20Page - Elpida Memory EDJ8232B5MB Datasheet HTML 21Page - Elpida Memory EDJ8232B5MB Datasheet HTML 22Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
18
Single-Ended Requirements for Differential Signals
Each individual component of a differential signal (CK, DQS, /CK, /DQS) has also to comply with certain
requirements for single-ended signals.
CK and /CK have to reach VSEH min. / VSEL max. (approximately equal to the AC-levels (VIH(AC) / VIL(AC)) for
Address/command signals) in every half-cycle.
DQS, /DQS have to reach VSEH min./VSEL max. (approximately equal to the AC-levels (VIH(AC) / VIL(AC)) for DQ
signals) in every half-cycle preceding and following a valid transition.
Note that the applicable ac-levels for Address/command and DQ’s might be different per speed-bin etc. E.g. if VIH
150 (AC)/VIL 150 (AC) is used for Address/command signals, then these ac-levels apply also for the single ended
components of differential CK and /CK.
VSS or VSSQ
VDD or VDDQ
VSEL max.
VSEH min.
VSEH
VSEL
time
VDD/2 or VDDQ/2
CK or DQS
Single-Ended Requirement for Differential Signals.
Note that while Address/command and DQ signal requirements are with respect to VREF, the single-ended
components of differential signals have a requirement with respect to VDD / 2; this is nominally the same. The
transition of single-ended signals through the ac-levels is used to measure setup time. For single-ended components
of differential signals the requirement to reach VSEL max, VSEH min has no bearing on timing, but adds a restriction
on the common mode characteristics of these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com