Electronic Components Datasheet Search
  English  ▼

X  

EDJ8232B5MB Datasheet(PDF) 23 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 23 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 19Page - Elpida Memory EDJ8232B5MB Datasheet HTML 20Page - Elpida Memory EDJ8232B5MB Datasheet HTML 21Page - Elpida Memory EDJ8232B5MB Datasheet HTML 22Page - Elpida Memory EDJ8232B5MB Datasheet HTML 23Page - Elpida Memory EDJ8232B5MB Datasheet HTML 24Page - Elpida Memory EDJ8232B5MB Datasheet HTML 25Page - Elpida Memory EDJ8232B5MB Datasheet HTML 26Page - Elpida Memory EDJ8232B5MB Datasheet HTML 27Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
23
AC Overshoot/Undershoot Specification
Parameter
Pins
Specification
Maximum peak amplitude allowed for overshoot
Command, Address,
CKE, ODT
0.4V
Maximum peak amplitude allowed for undershoot
0.4V
Maximum overshoot area above VDD
DDR3-1600
0.33V-ns
DDR3-1333
0.4V-ns
Maximum undershoot area below VSS
DDR3-1600
0.33V-ns
DDR3-1333
0.4V-ns
Maximum peak amplitude allowed for overshoot
CK, /CK
0.4V
Maximum peak amplitude allowed for undershoot
0.4V
Maximum overshoot area above VDD
DDR3-1600
0.13V-ns
DDR3-1333
0.15V-ns
Maximum undershoot area below VSS
DDR3-1600
0.13V-ns
DDR3-1333
0.15V-ns
Maximum peak amplitude allowed for overshoot
DQ, DQS, /DQS, DM
0.4V
Maximum peak amplitude allowed for undershoot
0.4V
Maximum overshoot area above VDDQ
DDR3-1600
0.13V-ns
DDR3-1333
0.15V-ns
Maximum undershoot area below VSSQ
DDR3-1600
0.13V-ns
DDR3-1333
0.15V-ns
Maximum amplitude
Overshoot area
Undershoot area
Volts (V)
Time (ns)
VDD, VDDQ
VSS, VSSQ
Overshoot/Undershoot Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com