Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
NEXUS13
EVTI
Nexus event in
P
01
231
I
VDDEH7 /
MultiV
— / Up
EVTI / Up
116
E15
H20
EVTO14
Nexus event out
P
01
227
O
VDDEH7 /
MultiV
ABR/Up
EVTO / —
120
D15
G20
MCKO
Nexus message clock out
P
—
21911
OVRC33 /
Fast
—MCKO / —
14
F15
F1
MDO[0]
Nexus message data out
P
01
220
O
VRC33 /
Fast
—
MDO[0] / —
17
A14
F3
MDO[1]
Nexus message data out
P
01
221
O
VRC33 /
Fast
—
MDO[1] / —
18
B14
G2
MDO[2]
Nexus message data out
P
01
222
O
VRC33 /
Fast
—
MDO[2] / —
19
A13
G3
MDO[3]
Nexus message data out
P
01
223
O
VRC33 /
Fast
—
MDO[3] / —
20
B13
G4
MDO[4]
ETPUA2_O
GPIO[75]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
75
O
O
I/O
VDDEH7 /
MultiV
—— / —
126
P10
B19
MDO[5]
ETPUA4_O
GPIO[76]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
76
O
O
I/O
VDDEH7 /
MultiV
—— / —
129
T10
B20
MDO[6]
ETPUA13_O
GPIO[77]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
77
O
O
I/O
VDDEH7 /
MultiV
—— / —
135
T11
C18
MDO[7]
ETPUA19_O
GPIO[78]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
78
O
O
I/O
VDDEH7 /
MultiV
—— / —
136
N11
B18
MDO[8]
ETPUA21_O
GPIO[79]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
79
O
O
I/O
VDDEH7 /
MultiV
—— / —
137
P11
A18
MDO[9]
ETPUA25_O
PIO[80]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
80
O
O
I/O
VDDEH7 /
MultiV
—— / —
139
T7
D18
MDO[10]
ETPUA27_O
GPIO[81]
Nexus message data out
eTPU A channel (output only)
GPIO
P
A1
G
01
10
00
81
O
O
I/O
VDDEH7 /
MultiV
—— / —
134
R10
A19
MDO[11]
ETPUA29_O
GPIO[82]
Nexus message data out
eTPU A channel (output only)
GPIO[82]
P
A1
G
01
10
00
82
O
O
I/O
VDDEH7 /
MultiV
—— / —
124
P9
C19
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com