Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
78
Freescale Semiconductor
Electrical characteristics
1 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog
inputs greater then VRH and 0x0 for values less then VRL. Other channels are not affected by non-disruptive
conditions.
2 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions
within the limit do not affect device reliability or cause permanent damage.
3 Input must be current limited to the value specified. To determine the value of the required current-limiting
resistor, calculate resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use
the larger of the calculated values.
4 Condition applies to two adjacent pins at injection limits.
5 Performance expected with production silicon.
6 All channels have same 10 k
 <Rs<100k; Channel under test has Rs=10 k; I
INJ=IINJMAX,IINJMIN
Table 29. eQADC differential ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
GAINVGA11
CC
–
Variable gain amplifier accuracy (gain=1)2
CC
C
INL
8 MHz
ADC
–4
4
Counts
3
CC
C
16 MHz
ADC
–8
8
Counts
CC
C
DNL
8 MHz
ADC
–34
34
Counts
CC
C
16 MHz
ADC
–34
34
Counts
GAINVGA21
CC
–
Variable gain amplifier accuracy (gain=2)2
CC
D
INL
8 MHz
ADC
–5
5
Counts
CC
D
16 MHz
ADC
–8
8
Counts
CC
D
DNL
8 MHz
ADC
–3
3
Counts
CC
D
16 MHz
ADC
–3
3
Counts
GAINVGA41
CC
–
Variable gain amplifier accuracy (gain=4)2
CC
D
INL
8 MHz
ADC
–7
7
Counts
CC
D
16 MHz
ADC
–8
8
Counts
CC
D
DNL
8 MHz
ADC
–4
4
Counts
CC
D
16 MHz
ADC
–4
4
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com