Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
9
Introduction
1.5
Feature details
1.5.1
e200z4 core
MPC5642A devices have a high performance e200z4 core processor:
•
32-bit Power Architecture technology programmer’s model
•
Variable Length Encoding (VLE) enhancements
•
Dual issue, 32-bit Power Architecture technology compliant CPU
•
8 KB, 2/4-way set associative instruction cache
•
Thirty-two 64-bit general purpose registers (GPRs)
•
Memory Management Unit (MMU) with 24-entry fully-associative translation look-aside buffer (TLB)
•
Harvard Architecture: Separate instruction bus and load/store bus
•
Vectored interrupt support
•
Non-maskable interrupt input
•
Critical Interrupt input
•
New ‘Wait for Interrupt’ instruction, to be used with new low power modes
•
Reservation instructions for implementing read-modify-write accesses
•
Signal processing extension (SPE) APU
•
Single Precision Floating point (scalar and vector)
•
Nexus Class 3+ debug
•
Process ID manipulation for the MMU using an external tool
•
In-order execution and retirement
•
Precise exception handling
•
Branch processing unit
— Dedicated branch address calculation adder
— Branch target prefetching using 8-entry BTB
•
Supports independent instruction and data accesses to different memory subsystems, such as SRAM and flash memory
via independent Instruction and Data BIUs
•
Load/store unit
— 2-cycle load latency
— Fully pipelined
— Big and Little endian support
— Misaligned access support
•
Signal Processing Extension (SPE1.1) APU supporting SIMD fixed-point operations using the 64-bit General Purpose
Register file
•
Embedded Floating-Point (EFP2) APU supporting scalar and vector SIMD single-precision floating-point operations,
using the 64-bit General Purpose Register file
•
Power management
— Low power design – extensive clock gating
— Power saving modes: wait
— Dynamic power management of execution units, cache and MMU
•
Testability
— Synthesizeable, MuxD scan design
— ABIST/MBIST for arrays
— Built-in Parallel Signature Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com