Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5642A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5642A
Rev. 3.1, 06/2012
© Freescale Semiconductor, Inc., 2009, 2010, 2012. All rights reserved.
MPC5642A
208 MAPBGA
176 LQFP
324 TEPBGA
(24 × 24 mm)
(23 × 23 mm)
(17 x 17 mm)
• 150 MHz e200z4 Power Architecture core
– Variable length instruction encoding (VLE)
– Superscalar architecture with 2 execution units
– Up to 2 integer or floating point instructions per cycle
– Up to 4 multiply and accumulate operations per cycle
• Memory organization
– 2 MB on-chip flash memory with ECC and
read-while-write (RWW)
– 128 KB on-chip SRAM with standby functionality (32
KB) and ECC
– 8 KB instruction cache (with line locking), configurable
as 2- or 4-way
– 14 + 3 KB eTPU code and data RAM
–4
 4 crossbar switch (XBAR)
– 24-entry MMU
• Fail Safe Protection
– 16-entry Memory Protection Unit (MPU)
– CRC unit with 3 submodules
– Junction temperature sensor
• Interrupt
– Configurable interrupt controller (INTC) with
non-maskable interrupt (NMI)
– 64-channel eDMA
• Serial channels
– 3 eSCI modules
– 3 DSPI modules (2 of which support downstream Micro
Second Channel [MSC])
– 3 FlexCAN modules with 64 message buffers each
– 1 FlexRay module (V2.1) up to 10 Mbit/s w/dual or
single channel, 128 message objects, ECC
•1 eMIOS
– 24 unified channels
• 1 eTPU2 (second generation eTPU)
—32 standard channels
– 1 reaction module (6 channels with 3 outputs per
channel)
• 2 enhanced queued analog-to-digital converters (eQADCs)
– Forty 12-bit input channels (multiplexed on 2 ADCs);
expandable to 56 channels with external multiplexers
– 6 command queues
– Trigger and DMA support
– 688 ns minimum conversion time
• On-chip CAN/SCI Bootstrap loader with Boot Assist
Module (BAM)
• Nexus: Class 3+ for core; Class 1 for eTPU
• JTAG (5-pin)
• Development Trigger Semaphore (DTS)
– EVTO pin for communication with external tool
• Clock generation
– On-chip 4–40 MHz main oscillator
– On-chip FMPLL (frequency-modulated phase-locked
loop)
• Up to 112 general purpose I/O lines
– Individually programmable as input, output or special
function
– Programmable threshold (hysteresis)
• Power reduction modes: slow, stop, and standby
• Flexible supply scheme
– 5 V single supply with external ballast
– Multiple external supply: 5 V, 3.3 V, and 1.2 V
Qorivva MPC5642A
Microcontroller Data Sheet


Similar Part No. - MPC5642A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC564 MOTOROLA-MPC564 Datasheet
163Kb / 12P
RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
logo
List of Unclassifed Man...
MPC564 ETC1-MPC564 Datasheet
1,004Kb / 23P
NEXUS Debugger and Trace for PowerPC
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L Datasheet
1Mb / 98P
MPC5643L Microcontroller Data Sheet
MPC5643L FREESCALE-MPC5643L Datasheet
739Kb / 136P
Qorivva Microcontroller
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - MPC5642A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_12 Datasheet
739Kb / 136P
Qorivva Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
Qorivva MPC5645S Microcontroller Data Sheet
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
Qorivva MPC5554 Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com