Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
6
Freescale Semiconductor
Introduction
Figure 1. MPC5642A series block diagram
Table 2 summarizes the functions of the blocks present on the MPC5642A series microcontrollers.
ADC
– Analog to Digital Converter
ADCi
– ADC interface
AMux
– Analog Multiplexer
BAM
– Boot Assist Module
CRC
– Cyclic Redundancy Check unit
DEC
– Decimation Filter
DTS
– Development Trigger Semaphore
DSPI
– Deserial/Serial Peripheral Interface
ECSM
– Error Correction Status Module
eDMA
– Enhanced Direct Memory Access
eMIOS
– Enhanced Modular Input Output System
eSCI
– Enhanced Serial Communications Interface
eTPU2
– Second gen. Enhanced Time Processing Unit
FlexCAN – Controller Area Network
FMPLL
– Frequency-Modulated Phase-Locked Loop
JTAG
– IEEE 1149.1 Test Controller
MMU
– Memory Management Unit
MPU
– Memory Protection Unit
PMC
– Power Management Controller
PIT
– Periodic Interrupt Timer
RCOSC – Low-speed RC Oscillator
REACM – Reaction Module
SIU
– System Integration Unit
SPE
– Signal Processing Extension
SRAM
– Static RAM
STM
– System Timer Module
SWT
– Software Watchdog Timer
VGA
– Variable Gain Amplifier
VLE
– Variable Length (instruction) Encoding
XOSC
– XTAL Oscillator
LEGEND
eMIOS
24
Channel
3 KB Data
RAM
14 KB Code
RAM
eTPU2
32
ADCi DEC
x2
VGA
AMux
2 MB
Flash
128 KB
SRAM
MPU
Crossbar Switch
Interrupt
Controller
eDMA
64-channel
SPE
VLE
MMU
8 KB I-cache
Power Architecture
e200z4
JTAG
Nexus
IEEE-ISTO
5001-2010
FlexRay
I/O Bridge
Analog PLL
RCOSC
XOSC
Voltage Regulator
Standby
Regulator
with Switch
M4
M0
M6
S0
S2
S7
S1
M1
Debug
Channel
ECSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com