Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
69
Electrical characteristics
IDD+IDDPLL
CC
P Operating current 1.2 V
supplies
VDD @1.32 V
@80MHz
—
—
300
mA
PVDD @ 1.32 V
@ 120 MHz
—
—
360
mA
PVDD @ 1.32 V
@ 150 MHz
—
—
400
mA
IDDSTBY
CC T
Operating current
0.95-1.2 V
VSTBY at 55
oC
—
35
100
A
T
Operating current
2–5.5 V
VSTBY at 55
oC
—
45
110
A
IDDSTBY27
CC P
Operating current
0.95-1.2 V
VSTBY 27
oC
—
25
90
A
P
Operating current
2-5.5 V
VSTBY 27
oC
—
35
100
A
IDDSTBY150
CC P
Operating current
0.95-1.2 V
VSTBY 150
oC
—
790
2000
A
P
Operating current
2–5.5 V
VSTBY at 150
oC
—
760
2000
A
IDDPLL
CC P
Operating current 1.2 V
supplies
VDDPLL, 80 MHz,
VDD=1.2 V
—
—
15
mA
IDDSLOW
IDDSTOP
CC
C VDD low-power mode
operating current @ 1.32 V
Slow mode12
—
—
191
mA
C
Stop mode13
—
—
190
IDD33
CC
P Operating current 3.3 V
supplies
VRC33
2
——
60
mA
IDDA
IREF
IDDREG
CC
P Operating current 5.0 V
supplies
VDDA
—
—
30.0
mA
P
Analog reference
supply current
(transient)
——
1.0
PVDDREG
——
7014
IDDH1
IDDH4
IDDH6
IDDH7
IDD7
IDDH9
IDD12
CC
P Operating current VDDE
15
supplies
VDDEH1
—
—
See note 15
mA
PVDDEH4
——
PVDDEH6
——
PVDDEH7
——
PVDDE7
——
PVDDEH9
——
PVDDE12
——
Table 20. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com