Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
64
Freescale Semiconductor
Electrical characteristics
5d
Idd3p3
CC C Voltage regulator 3.3 V maximum DC output
current
80
—
—
mA
5e Vdd33 ILim CC C Voltage regulator 3.3 V DC current limit
—
130
—
mA
6
Lvi3p3
CC C Nominal LVI for rising 3.3 V supply6
—
3.090
—
V
6a
—
CC C Variation of LVI for rising 3.3 V supply at
power-on reset7
Lvi3p3
 6%
Lvi3p3
Lvi3p3
+6%
V
6b
—
CC C Variation of LVI for rising 3.3 V supply after
power-on reset7
Lvi3p3
 3%
Lvi3p3
Lvi3p3
+3%
V
6c
—
CC C Trimming step LVI 3.3 V
—
20
—
mV
6d
Lvi3p3_h
CC C LVI 3.3 V hysteresis
—
60
—
mV
7
Por3.3V_r CC C Nominal POR for rising 3.3 V supply8
—2.07
—
V
7a
—
CC C Variation of POR for rising 3.3 V supply
Por3.3V_r
35%
Por3.3V_r
Por3.3V_r
+35%
V
7b Por3.3V_f CC C Nominal POR for falling 3.3 V supply
—
1.95
—
V
7c
—
CC C Variation of POR for falling 3.3 V supply
Por3.3V_f
 35%
Por3.3V_f
Por3.3V_f
+35%
V
8
Lvi5p0
CC C Nominal LVI for rising 5 V VDDREG supply
—
4.290
—
V
8a
—
CC C Variation of LVI for rising 5 V VDDREG
supply at power-on reset
Lvi5p0
 6%
Lvi5p0
Lvi5p0
+6%
V
8b
—
CC C Variation of LVI for rising 5 V VDDREG
supply power-on reset
Lvi5p0
 3%
Lvi5p0
Lvi5p0
+3%
V
8c
—
CC C Trimming step LVI 5 V
—
20
—
mV
8d
Lvi5p0_h
CC C LVI 5 V hysteresis
—
60
—
mV
9
Por5V_r
CC C Nominal POR for rising 5 V VDDREG supply
—
2.67
—
V
9a
—
CC C Variation of POR for rising 5 V VDDREG
supply
Por5V_r
 35%
Por5V_r
Por5V_r
+35%
V
9b
Por5V_f
CC C Nominal POR for falling 5 V VDDREG
supply
—2.47
—
V
9c
—
CC C Variation of POR for falling 5 V VDDREG
supply
Por5V_f
 35%
Por5V_f
Por5V_f
+35%
V
1 Using external ballast transistor.
2 Min range is extended to 10% since Lvi1p2 is reprogrammed from 1.2 V to 1.16 V after power-on reset.
3 LVI for falling supply is calculated as LVI rising – LVI hysteresis.
4 Lvi1p2 tracks DC target variation of internal V
DD regulator. Minimum and maximum Lvi1p2 correspond to minimum
and maximum VDD DC target respectively.
5 With internal load up to Idd3p3
6 The Lvi3p3 specs are also valid for the V
DDEH LVI
7 Lvi3p3 tracks DC target variation of internal V
DD33 regulator. Minimum and maximum Lvi3p3 correspond to
minimum and maximum VDD33 DC target respectively.
Table 15. PMC electrical characteristics (continued)
ID
Name
C
Parameter
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com