Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
94
Freescale Semiconductor
Electrical characteristics
3 The Nexus AUX port runs up to 40 MHz. Set NPC_PCR[MCKO_DIV] to divide-by-two if the system frequency is
greater than 40 MHz.
4 NPC_PCR[FPM] = 1
5 Set the NPC_PCR[MCKO_DIV] to divide by two if the system frequency is between 40 MHz and 80 MHz inclusive.
Set the NPC_PCR[MCKO_DIV] to divide by four if the system frequency is greater than 80 MHz.
6 Pad restrictions limit the Maximum Operation Frequency in these configurations
7 NPC_PCR[NEXCFG] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com