Electronic Components Datasheet Search
  English  ▼

X  

MPC5642A Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
12
Freescale Semiconductor
Introduction
— An access protection error is detected if a memory reference does not hit in any memory region or the reference
is flagged as illegal in all memory regions where it does hit. In the event of an access error, the XBAR reference
is terminated with an error response and the MPU inhibits the bus cycle being sent to the targeted slave device
— 64-bit error registers, one for each XBAR slave port, capture the last faulting address, attributes, and detail
information
1.5.6
Frequency-modulated phase-locked loop (FMPLL)
The FMPLL allows the user to generate high speed system clocks from a 4 MHz to 40 MHz crystal oscillator or external clock
generator. Further, the FMPLL supports programmable frequency modulation of the system clock. The PLL multiplication
factor, output clock divider ratio are all software configurable. The PLL has the following major features:
•
Input clock frequency from 4 MHz to 40 MHz
•
Reduced frequency divider (RFD) for reduced frequency operation without forcing the PLL to relock
•
3 modes of operation
— Bypass mode with PLL off
— Bypass mode with PLL running (default mode out of reset)
— PLL normal mode
•
Each of the 3 modes may be run with a crystal oscillator or an external clock reference
•
Programmable frequency modulation
— Modulation enabled/disabled through software
— Triangle wave modulation up to 100 kHz modulation frequency
— Programmable modulation depth (0% to 2% modulation depth)
— Programmable modulation frequency dependent on reference frequency
•
Lock detect circuitry reports when the PLL has achieved frequency lock and continuously monitors lock status to
report loss of lock conditions
•
Clock Quality Module
— Detects the quality of the crystal clock and causes interrupt request or system reset if error is detected
— Detects the quality of the PLL output clock; if error detected, causes system reset or switches system clock to
crystal clock and causes interrupt request
•
Programmable interrupt request or system reset on loss of lock
•
Self-clocked mode (SCM) operation
1.5.7
System integration unit (SIU)
The MPC5642A SIU controls MCU reset configuration, pad configuration, external interrupt, general purpose I/O (GPIO),
internal peripheral multiplexing, and the system reset operation. The reset configuration block contains the external pin boot
configuration logic. The pad configuration block controls the static electrical characteristics of I/O pins. The GPIO block
provides uniform and discrete input/output control of the I/O pins of the MCU. The reset controller performs reset monitoring
of internal and external reset sources, and drives the RSTOUT pin. Communication between the SIU and the e200z4 CPU core
is via the crossbar switch. The SIU provides the following features:
•
System configuration
— MCU reset configuration via external pins
— Pad configuration control for each pad
— Pad configuration control for virtual I/O via DSPI serialization
•
System reset monitoring and generation
— Power-on reset support
— Reset status register provides last reset source to software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com