Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 12Page - Texas Instruments DAC8830MCDREP Datasheet HTML 13Page - Texas Instruments DAC8830MCDREP Datasheet HTML 14Page - Texas Instruments DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments DAC8830MCDREP Datasheet HTML 17Page - Texas Instruments DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments DAC8830MCDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
Time (50ns/div)
V
REF = 2.5 V
SDI
V
OUT
5V/div
20mV/div
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 1.5 V
Time (0.5
µs/div)
LDAC
V
OUT
V
REF = 2.5 V
5V/div
0.1V/div
Time (0.5
µs/div)
V
REF = 2.5 V
LDAC
V
OUT
5V/div
0.1V/div
Time (0.2
µs/div)
V
REF = 2.5 V
LDAC
V
OUT
5V/div
1V/div
Time (0.2
µs/div)
V
REF = 2.5 V
LDAC
V
OUT
5V/div
1V/div
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS: VDD = 3 V (continued)
At TA = 25°C, VREF = 2.5 V (unless otherwise noted)
REFERENCE CURRENT
DIGITAL
vs CODE (BIPOLAR MODE)
FEEDTHROUGH
Figure 39.
Figure 40.
MAJOR-CARRY GLITCH
MAJOR-CARRY GLITCH
(FALLING)
(RISING)
Figure 41.
Figure 42.
DAC SETTLING TIME
DAC SETTLING TIME
(FALLING)
(RISING)
Figure 43.
Figure 44.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com