Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 8Page - Texas Instruments DAC8830MCDREP Datasheet HTML 9Page - Texas Instruments DAC8830MCDREP Datasheet HTML 10Page - Texas Instruments DAC8830MCDREP Datasheet HTML 11Page - Texas Instruments DAC8830MCDREP Datasheet HTML 12Page - Texas Instruments DAC8830MCDREP Datasheet HTML 13Page - Texas Instruments DAC8830MCDREP Datasheet HTML 14Page - Texas Instruments DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.ti.com
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 2.5 V
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 2.5 V
0
1
2
3
4
5
Digital Input Voltage (V)
V
DD = 5 V
V
DD = 3 V
800
700
600
500
400
300
200
100
0
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
DD = 5 V
V
LOGIC = 5 V
V
DD = 3 V
V
LOGIC = 3 V
V
REF = 2.5 V
5
4
3
2
1
0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7 6.0
Supply Voltage (V)
V
REF = 2.5 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
5.0
Reference Voltage (V)
V
DD = 5 V
V
DD = 3 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS: VDD = 5 V (continued)
At TA = 25°C, VREF = 2.5 V (unless otherwise noted)
REFERENCE CURRENT
REFERENCE CURRENT
vs CODE (UNIPOLAR MODE)
vs CODE (BIPOLAR MODE)
Figure 16.
Figure 17.
SUPPLY CURRENT
SUPPLY CURRENT
vs DIGITAL INPUT VOLTAGE
vs TEMPERATURE
Figure 18.
Figure 19.
SUPPLY CURRENT
SUPPLY CURRENT
vs SUPPLY VOLTAGE
vs REFERENCE VOLTAGE
Figure 20.
Figure 21.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com