Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments DAC8830MCDREP Datasheet HTML 17Page - Texas Instruments DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments DAC8830MCDREP Datasheet HTML 20Page - Texas Instruments DAC8830MCDREP Datasheet HTML 21Page - Texas Instruments DAC8830MCDREP Datasheet HTML 22Page - Texas Instruments DAC8830MCDREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
APPLICATION INFORMATION
Unipolar Output Operation
DAC
DAC8830
SDI
SCLK
CS
DGND
V
OUT
0.1
µF
V
O = 0 to +VREF
AGND
Input
Register
DAC Latch
V
DD
V
REF
+5 V
+2.5 V
OPA277
OPA704
OPA727
+
0.1
µF
10
µF
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
These DACs are capable of driving unbuffered loads of 60 k
Ω. Unbuffered operation results in low supply
current (typically 5
μA) and a low offset error. The DAC8830 provides a unipolar output swing ranging from 0 V
to VREF. The DAC8831 can be configured to output both unipolar and bipolar voltages. Figure 46 and Figure 47
show a typical unipolar output voltage circuit for each device, respectively. The code table for this mode of
operation is shown in Table 1.
Table 1. Unipolar Code
DAC Latch Contents
Analog Output
MSB
LSB
1111 1111 1111 1111
VREF × (65,535/65,536)
1000 0000 0000 0000
VREF × (32,768/65,536) =
VREF
0000 0000 0000 0001
VREF × (1/65,536)
0000 0000 0000 0000
0 V
Figure 46. Unipolar Output Mode of DAC8830
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com