Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 2Page - Texas Instruments DAC8830MCDREP Datasheet HTML 3Page - Texas Instruments DAC8830MCDREP Datasheet HTML 4Page - Texas Instruments DAC8830MCDREP Datasheet HTML 5Page - Texas Instruments DAC8830MCDREP Datasheet HTML 6Page - Texas Instruments DAC8830MCDREP Datasheet HTML 7Page - Texas Instruments DAC8830MCDREP Datasheet HTML 8Page - Texas Instruments DAC8830MCDREP Datasheet HTML 9Page - Texas Instruments DAC8830MCDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = TMIN to TMAX, VDD = 3 V, or VDD = 5 V, VREF = 2.5 V (unless otherwise noted); specifications subject
to change without notice.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE INPUT
Reference input voltage range(4)
1.25
VDD
V
Unipolar mode
9
Reference input impedance(5)
k
Ω
Bipolar mode, DAC8831
7.5
Reference –3-dB bandwidth, BW
Code = FFFFh
1.3
MHz
Code = 0000h,
Reference feedthrough
1
mV
VREF = 1 VPP at 100 kHz
Signal-to-noise ratio, SNR
92
dB
Code = 0000h
75
Reference input capacitance
pF
Code = FFFFh
120
DIGITAL INPUTS
VDD = 2.7 V
0.6
VIL
Input low voltage
V
VDD = 5 V
0.8
VDD = 2.7 V
2.1
VIH
Input high voltage
V
VDD = 5 V
2.4
Input current
±1
μA
Input capacitance
10
pF
Hysteresis voltage
0.4
V
POWER SUPPLY
VDD
2.7
5.5
V
VDD = 3 V
5
20
IDD
μA
VDD = 5 V
5
20
VDD = 3 V
15
60
Power
μW
VDD = 5 V
25
100
TEMPERATURE RANGE
Specified performance
–55
125
°C
(4)
Specified by design. Vref production tested only at 2.5 V.
(5)
Reference input resistance is code dependent, minimum at 8555h.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com