Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments DAC8830MCDREP Datasheet HTML 20Page - Texas Instruments DAC8830MCDREP Datasheet HTML 21Page - Texas Instruments DAC8830MCDREP Datasheet HTML 22Page - Texas Instruments DAC8830MCDREP Datasheet HTML 23Page - Texas Instruments DAC8830MCDREP Datasheet HTML 24Page - Texas Instruments DAC8830MCDREP Datasheet HTML 25Page - Texas Instruments DAC8830MCDREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.ti.com
Output Amplifier Selection
Reference and Ground
Power Supply and Reference Bypassing
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
For bipolar mode, a precision amplifier should be used, supplied from a dual power supply. This provides the
±V
REF output.
In a single-supply application, selection of a suitable operational amplifier may be more difficult because the
output swing of the amplifier does not usually include the negative rail; in this case, AGND. This output swing
can result in some degradation of the specified performance unless the application does not use codes near 0.
The selected operational amplifier needs to have low-offset voltage (the DAC LSB is 38
μV with a 2.5-V
reference), eliminating the need for output offset trims. Input bias current should also be low because the bias
current multiplied by the DAC output impedance (approximately 6.25 k
Ω) adds to the zero-code error.
Rail-to-rail input and output performance is required. For fast settling, the slew rate of the operational amplifier
should not impede the settling time of the DAC. Output impedance of the DAC is constant and
code-independent, but in order to minimize gain errors the input impedance of the output amplifier should be as
high as possible. The amplifier should also have a 3 dB bandwidth of 1 MHz or greater. The amplifier adds
another time constant to the system, thus increasing the settling time of the output. A higher 3-dB amplifier
bandwidth results in a shorter effective settling time of the combined DAC and amplifier.
Since the input impedance is code-dependent, the reference pin should be driven from a low impedance source.
The DAC8830 and DAC8831 operate with a voltage reference ranging from 1.25 V to VDD. References below
1.25 V result in reduced accuracy.
The DAC full-scale output voltage is determined by the reference. Table 1 and Table 2 outline the analog output
voltage for particular digital codes.
For optimum performance, Kelvin sense connections are provided on the DAC8831. If the application does not
require separate force and sense lines, they should be tied together close to the package to minimize voltage
drops between the package leads and the internal die.
For accurate high-resolution performance, it is recommended that the reference and supply pins be bypassed
with a 10
μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com