Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 11Page - Texas Instruments DAC8830MCDREP Datasheet HTML 12Page - Texas Instruments DAC8830MCDREP Datasheet HTML 13Page - Texas Instruments DAC8830MCDREP Datasheet HTML 14Page - Texas Instruments DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments DAC8830MCDREP Datasheet HTML 17Page - Texas Instruments DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
www.ti.com
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 3 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 3 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
DD = 3 V
V
REF = 2.5 V
Bipolar Mode
Unipolar Mode
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
0.75
0.50
0.25
0
−0.25
−0.50
Reference Voltage (V)
0.5
1.5
2.5
3.5
3.0
2.0
1.0
DNL
INL
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
DD = 3 V
V
REF = 2.5 V
Bipolar Mode
Unipolar Mode
0.50
0.25
0
−0.25
−0.50
−0.75
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 1.5 V
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS: VDD = 3 V (continued)
At TA = 25°C, VREF = 2.5 V (unless otherwise noted)
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 33.
Figure 34.
LINEARITY ERROR
GAIN ERROR
vs REFERENCE VOLTAGE
vs TEMPERATURE
Figure 35.
Figure 36.
ZERO-CODE ERROR
REFERENCE CURRENT
vs TEMPERATURE
vs CODE (UNIPOLAR MODE)
Figure 37.
Figure 38.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com