Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 14Page - Texas Instruments DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments DAC8830MCDREP Datasheet HTML 17Page - Texas Instruments DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments DAC8830MCDREP Datasheet HTML 20Page - Texas Instruments DAC8830MCDREP Datasheet HTML 21Page - Texas Instruments DAC8830MCDREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
Power-on Reset
Serial Interface
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
THEORY OF OPERATION (continued)
Both devices have a power-on reset function to ensure the output is at a known state upon power up. In the
DAC8830 and DAC8831, on power up, the DAC latch and input registers contain all 0s until new data is loaded
from the input serial shift register. Therefore, after power up, the output from pin VOUT of the DAC8830 is 0 V.
The output from pin VOUT of the DAC8831 is 0 V in unipolar mode and –VREF in bipolar mode.
However, the serial register of the DAC8830 and DAC8831 is not cleared on power up, so its contents are
undefined. When loading data initially to the device, 16 bits or more should be loaded to prevent erroneous data
appearing on the output. If more than 16 bits are loaded, the last 16 are kept; if less than 16 are loaded, bits will
remain from the previous word. If the device must be interfaced with data shorter than 16 bits, the data should
be padded with 0s at the LSBs.
The digital interface is standard 3-wire connection compatible with SPI, QSPI, Microwire, and Texas Instruments
DSP interfaces, which can operate at speeds up to 50 Mbps. The data transfer is framed by CS, the chip select
signal. The DAC works as a bus slave. The bus master generates the synchronize clock, SCLK, and initiates the
transmission. When CS is high, the DAC is not accessed, and the clock SCLK and serial input data SDI are
ignored. The bus master accesses the DAC by driving pin CS low. Immediately following the high-to-low
transition of CS, the serial input data on pin SDI is shifted out from the bus master synchronously on the falling
edge of SCLK, and latched on the rising edge of SCLK into the input shift register, MSB first. The low-to-high
transition of CS transfers the contents of the input shift register to the input register. All data registers are 16 bit.
It takes 16 clocks of SCLK to transfer one data word to the parts. To complete a whole data word, CS must go
high immediately after 16 SCLKs are clocked in. If more than 16 SCLKs are applied during the low state of CS,
the last 16 bits are transferred to the input register on the rising edge of CS. However, if CS is not kept low
during the entire 16 SCLK cycles, data is corrupted. In this case, reload the DAC latch with a new 16-bit word.
In the DAC8830, the contents of the input register are transferred into the DAC latch immediately when the input
register is loaded, and the DAC output is updated at the same time.
The DAC8831 has an LDAC pin allowing the DAC latch to be updated asynchronously by bringing LDAC low
after CS goes high. In this case, LDAC must be maintained high while CS is low. If LDAC is tied permanently
low, the DAC latch is updated immediately after the input register is loaded (caused by the low-to-high transition
of CS).
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com