Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments DAC8830MCDREP Datasheet HTML 17Page - Texas Instruments DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments DAC8830MCDREP Datasheet HTML 20Page - Texas Instruments DAC8830MCDREP Datasheet HTML 21Page - Texas Instruments DAC8830MCDREP Datasheet HTML 22Page - Texas Instruments DAC8830MCDREP Datasheet HTML 23Page - Texas Instruments DAC8830MCDREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.ti.com
0.1
µF
V
DD
+5 V
RFB
INV
AGNDF
AGNDS
DAC
DAC Latch
Input
Register
DAC8831
+V
−V
SDI
SCLK
LDAC
V
OUT
R
FB
R
INV
V
REF− S
V
REF− F
CS
+2.5 V
+
0.1
µF
10
µF
DGND
V
O = 0 to +VREF
OPA277
OPA704
OPA727
V
OUT_UNI +
D
216
V
REF ) VGE ) VZSE ) INL
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
Figure 47. Unipolar Output Mode of DAC8831
Assuming a perfect reference, the worst-case output voltage may be calculated from the following equation:
Unipolar Mode Worst-Case Output
Where:
VOUT_UNI = Unipolar mode worst-case output
D = Code loaded to DAC
VREF = Reference voltage applied to part
VGE = Gain error in volts
VZSE = Zero scale error in volts
INL = Integral nonlinearity in volts
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com