Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 7Page - Texas Instruments DAC8830MCDREP Datasheet HTML 8Page - Texas Instruments DAC8830MCDREP Datasheet HTML 9Page - Texas Instruments DAC8830MCDREP Datasheet HTML 10Page - Texas Instruments DAC8830MCDREP Datasheet HTML 11Page - Texas Instruments DAC8830MCDREP Datasheet HTML 12Page - Texas Instruments DAC8830MCDREP Datasheet HTML 13Page - Texas Instruments DAC8830MCDREP Datasheet HTML 14Page - Texas Instruments DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
0.75
0.50
0.25
0
−0.25
−0.50
Reference Voltage (V)
0
2
4
6
5
3
1
INL
DNL
0.75
0.50
0.25
0
−0.25
−0.50
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
REF = 2.5 V
DNL
INL
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
REF = 2.5 V
Bipolar Mode
Unipolar Mode
1.25
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
REF = 2.5 V
Bipolar Mode
Unipolar Mode
0.50
0.25
0
−0.25
−0.50
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS: VDD = 5 V (continued)
At TA = 25°C, VREF = 2.5 V (unless otherwise noted)
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 10.
Figure 11.
LINEARITY ERROR
LINEARITY ERROR
vs REFERENCE VOLTAGE
vs SUPPLY VOLTAGE
Figure 12.
Figure 13.
GAIN ERROR
ZERO-CODE ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 14.
Figure 15.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com