Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 16 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC100ZCT Datasheet HTML 12Page - Texas Instruments DLPC100ZCT Datasheet HTML 13Page - Texas Instruments DLPC100ZCT Datasheet HTML 14Page - Texas Instruments DLPC100ZCT Datasheet HTML 15Page - Texas Instruments DLPC100ZCT Datasheet HTML 16Page - Texas Instruments DLPC100ZCT Datasheet HTML 17Page - Texas Instruments DLPC100ZCT Datasheet HTML 18Page - Texas Instruments DLPC100ZCT Datasheet HTML 19Page - Texas Instruments DLPC100ZCT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
DMD_D(1:0)
DMD_SCTRL
DMD_TRC
DMD_LOADB
DMD_DCLK
tp_su
tp _h
DMD_SAC_CLK
DMD_SAC_BUS
DMD_DAD_OEZ
DMD_DAD_BUS
DMD_DAD_STRB
tclk_skew
tp_wh
tp_wl
tp_d2_skew
tp_d1_skew
DLPC100
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
www.ti.com
DMD Interface
The DLPC100 ASIC DMD interface consists of a 60.0 MHz (nominal) DDR output-only interface with LVCMOS
signaling.
DMD INTERFACE TIMING REQUIREMENTS
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fclock
Clock frequency, DMD_DCLK & DMD_SAC_CLK
See (1)
60.05
MHz
tp_clkper
Clock period, DMD_DCLK & DMD_SAC_CLK
50% reference points
16.5
ns
tp_clkjit
Clock jitter, DMD_DCLK & DMD_SAC_CLK
Max fclock
200
ps
tp_wh
Pulse width low, DMD_DCLK & DMD_SAC_CLK
50% reference points
7.5
ns
tp_wl
Pulse width high, DMD_DCLK & DMD_SAC_CLK
50% reference points
7.5
ns
20% to 80% reference
0.3
2.0
ns
tt
Transition time – all signals
points
Output setup time – DMD_D(14:0), DMD_SCTRL,
1.5
ns
tp_su
DMD_LOADB & DMD_TRC relative to both rising and
50% reference points
falling edges of DMD_DCLK
Output hold time – DMD_D(14:0), DMD_SCTRL,
1.5
ns
tp_h
DMD_LOADB & DMD_TRC signals relative to both rising
50% reference points
and falling edges of DMD_DCLK DMD
Data skew – DMD_D(14:0), DMD_SCTRL, DMD_LOADB &
0.20
ns
tp_d1_skew
50% reference points
DMD_TRC signals relative to each other
Clock skew – DMD_DCLK & DMD_SAC_CLK relative to
0.20
ns
tp_clk_skew
50% reference points
each other DAD/ SAC
Data Skew - DMD_SAC_BUS, DMD_DAD_OEZ,
0.20
ns
tp_d2_skew DMD_DAD_BUS & DMD_DAD_STRB signals relative to
50% reference points
DMD_SAC_CLK
(1)
This range include the 200 ppm of the external oscillator
Figure 10. DMD I/F Timing
16
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com