Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 2 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 2 Page - Texas Instruments

  DLPC100ZCT Datasheet HTML 1Page - Texas Instruments DLPC100ZCT Datasheet HTML 2Page - Texas Instruments DLPC100ZCT Datasheet HTML 3Page - Texas Instruments DLPC100ZCT Datasheet HTML 4Page - Texas Instruments DLPC100ZCT Datasheet HTML 5Page - Texas Instruments DLPC100ZCT Datasheet HTML 6Page - Texas Instruments DLPC100ZCT Datasheet HTML 7Page - Texas Instruments DLPC100ZCT Datasheet HTML 8Page - Texas Instruments DLPC100ZCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DLPC100
Mobile
SDR
Memory
24-bit RGB DATA
VSYNC
HSYNC
Digital Video
Control
Control
Configuration
LED
Driver
RED STROBE
GREEN STROBE
BLUE STROBE
RED PWM
GREEN PWM
BLUE PWM
Voltage
Regulator
5VDC
Voltage Control
Illumination
Optics
Projection
Optics
DLP1700
I C
2
2
I C
2
2
OSC
DLPR100
MSP430
DVI
Receiver
• Chroma interpolation
•
• Gamma correction
Color space conversion
FORMAT
CONVERSION
• Degamma
•
• Image scaling
Automatic gain control
• Spatial-temporal
multiplexing
• Memory management/
control
•
• Horizontal and vertical
flip processing
DMD I/F processing
Oscillator
I C Bus
2
Flash I/F
RGB (YUV) Data
DMD DDR Data
10
24
RGB Control
DMD DDR Control
DMD Reset Control
SDRAM
I/F
IMAGE
ENHANCEMENT
ARTIFACT
MITIGATION
DMD
FORMATTING
SYSTEM CLOCK AND RESET SUPPORT
CONTROL
DLPC100
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
www.ti.com
Figure 1. Typical Application
Figure 2. Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com