Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 17 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC100ZCT Datasheet HTML 13Page - Texas Instruments DLPC100ZCT Datasheet HTML 14Page - Texas Instruments DLPC100ZCT Datasheet HTML 15Page - Texas Instruments DLPC100ZCT Datasheet HTML 16Page - Texas Instruments DLPC100ZCT Datasheet HTML 17Page - Texas Instruments DLPC100ZCT Datasheet HTML 18Page - Texas Instruments DLPC100ZCT Datasheet HTML 19Page - Texas Instruments DLPC100ZCT Datasheet HTML 20Page - Texas Instruments DLPC100ZCT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MEM_CLK
tCH
tCL
MEM_DQ(15:0)
MEM_xDQM
MEM_RAS \
MEM_CAS \
MEM_WE\
MEM_CS\
MEM_CKE
mSDR Memory Write Data Timing
tCYCLE
tCMS
MEM_A(11 :0)
MEM _BA(11 :0)
tCMH
tAS
tAH
tDS
tDH
DLPC100
www.ti.com
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
Mobile SDR Memory Interface
The DLPC100 Controller Mobile SDR Memory interface consists of a 16-bit wide, mobile SDR interface (i.e.
LVCMOS signaling) operated at 100.0 MHz (nominal).
MOBILE SDR MEMORY INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
tCYCLE
Cycle time reference
10
ns
tCH
CK high pulse width(1)
3
ns
tCL
CK low pulse width(1)
3
ns
tCMS
Command setup
1.5
ns
tCMH
Command hold
1
ns
tAS
Address setup
1.5
ns
tAH
Address hold
1
ns
tDS
Write data setup
2.5
ns
tDH
Write data hold
1
ns
tAC
Read data access time
8
ns
tOH
Read data hold time
2.5
ns
tLZ
Read data low impedance time
1
ns
tHZ
Read data high impedance time
8
ns
(1)
CK and DQS pulse width specs for the DLPC100 assume it is interfacing to a 125 MHz mDDR device. Even though these memories are
only operated at 100.0 MHz, according to memory vendors, the rated tCK spec (i.e. 8 ns) can be applied to determine minimum CK and
DQS pulse width requirements to the memory.
Figure 11. Mobile SDR Memory I/F Write Timing
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com