Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 3 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 3 Page - Texas Instruments

  DLPC100ZCT Datasheet HTML 1Page - Texas Instruments DLPC100ZCT Datasheet HTML 2Page - Texas Instruments DLPC100ZCT Datasheet HTML 3Page - Texas Instruments DLPC100ZCT Datasheet HTML 4Page - Texas Instruments DLPC100ZCT Datasheet HTML 5Page - Texas Instruments DLPC100ZCT Datasheet HTML 6Page - Texas Instruments DLPC100ZCT Datasheet HTML 7Page - Texas Instruments DLPC100ZCT Datasheet HTML 8Page - Texas Instruments DLPC100ZCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
3
2
4
5
7
6
8
9
11
10
12
13
15
14
16
DLPC100
www.ti.com
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
Projector Image Port Signal Sharing
Figure 2 illustrates the basic processing that occurs in the controller. The DLPC100 provides a single input port
for graphics and motion video inputs. The signals listed below support two input interface modes. Thus some
signals have different uses depending on the input interface mode being used.
Below are the two input image interface modes, signal descriptions, and pins needed on the DLPC100. describes
all the signals in the DLPC100.
•
BT.656, 9 pins
–
PDATA(7-0) – Projector Data
–
PCLK – Projector Clock (rising edge to capture input data)
•
Parallel Bus, 20 pins or 22 pins or 28 pins
–
PDATA(15-0) or PDATA(17-0) or PDATA(23-0) – Projector Data
–
HSYNC – Horizontal Sync
–
VSYNC – Vertical Sync
–
DATEN – Data En (active high)
–
PCLK – Projector Clock (rising edge, or falling edge, to capture input data)
The Terminal Functions table describes the input/output characteristics of signals that interface to the DLPC100
by functional groups. Signals are referenced by names shown in the Pico Projector Formatter Reference
Schematic, TI drawing 2509552. The voltage characteristics of various I/O types are described in the I/O
Characteristics table.
ZCT PACKAGE
(BOTTOM VIEW)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com