Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 14 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPC100ZCT Datasheet HTML 10Page - Texas Instruments DLPC100ZCT Datasheet HTML 11Page - Texas Instruments DLPC100ZCT Datasheet HTML 12Page - Texas Instruments DLPC100ZCT Datasheet HTML 13Page - Texas Instruments DLPC100ZCT Datasheet HTML 14Page - Texas Instruments DLPC100ZCT Datasheet HTML 15Page - Texas Instruments DLPC100ZCT Datasheet HTML 16Page - Texas Instruments DLPC100ZCT Datasheet HTML 17Page - Texas Instruments DLPC100ZCT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
RL = 1 kΩ
VCC
CL = 50 pF
(see Note A)
tbuf
ticr
tsth
tsds
tsdh
ticf
ticr
tscl
tsch
tsts
tPHL
tPLH
0.3
× VCC
Stop
Condition
tsps
Repeat
Start
Condition
Start or
Repeat
Start
Condition
SCL
SDA
Start
Condition
(S)
Address
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
Three Bytes for Complete
Device Programming
SDA LOAD CONFIGURATION
VOLTAGE WAVEFORMS
ticf
Stop
Condition
(P)
tsp
DUT
SDA
0.7
× VCC
0.3
× VCC
0.7
× VCC
R/W
Bit 0
(LSB)
ACK
(A)
Data
Bit 7
(MSB)
Address
Bit 1
Address
Bit 6
BYTE
DESCRIPTION
1
I2C address
2, 3
P-port data
DLPC100
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
www.ti.com
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 8. I2C Interface Load Circuit and Voltage Waveforms
14
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com