Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 13 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC100ZCT Datasheet HTML 9Page - Texas Instruments DLPC100ZCT Datasheet HTML 10Page - Texas Instruments DLPC100ZCT Datasheet HTML 11Page - Texas Instruments DLPC100ZCT Datasheet HTML 12Page - Texas Instruments DLPC100ZCT Datasheet HTML 13Page - Texas Instruments DLPC100ZCT Datasheet HTML 14Page - Texas Instruments DLPC100ZCT Datasheet HTML 15Page - Texas Instruments DLPC100ZCT Datasheet HTML 16Page - Texas Instruments DLPC100ZCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DLPC100
www.ti.com
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
I
2C INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
1
ms
tscl
I2C clock low time
1
ms
tsp
I2C spike time
20
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
100
ns
ticr
I2C input rise time
20
300
ns
tocf
I2C output fall time
50 pF
30
200
ns
tbuf
I2C bus free time between Stop and Start conditions
1.3
ms
tsts
I2C Start or repeated Start condition setup
1
ms
tsth
I2C Start or repeated Start condition hold
1
ms
tsph
I2C Stop condition setup
1
ms
Valid-data time
SCL low to SDA output valid
1
ms
tvd
Valid-data time of ACK condition
ACK signal from SCL low to SDA (out) low
1
ms
tsph
I2C bus capacitive load
0
100
pF
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com