Electronic Components Datasheet Search
  English  ▼

X  

DLPC100ZCT Datasheet(PDF) 8 Page - Texas Instruments

Part # DLPC100ZCT
Description  DLP짰 Digital Controller for the DLP1700 DMD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC100ZCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPC100ZCT Datasheet HTML 4Page - Texas Instruments DLPC100ZCT Datasheet HTML 5Page - Texas Instruments DLPC100ZCT Datasheet HTML 6Page - Texas Instruments DLPC100ZCT Datasheet HTML 7Page - Texas Instruments DLPC100ZCT Datasheet HTML 8Page - Texas Instruments DLPC100ZCT Datasheet HTML 9Page - Texas Instruments DLPC100ZCT Datasheet HTML 10Page - Texas Instruments DLPC100ZCT Datasheet HTML 11Page - Texas Instruments DLPC100ZCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DLPC100
DLPS019B – DECEMBER 2009 – REVISED DECEMBER 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE
SYSTEM
NAME
NO.
MEM_DQ9
B7
B3
MEM_CLK
Bidirectional data 9 for the SDRAM
MEM_DQ10
E7
B3
MEM_CLK
Bidirectional data 10 for the SDRAM
MEM_DQ11
A2
B3
MEM_CLK
Bidirectional data 11 for the SDRAM
MEM_DQ12
D6
B3
MEM_CLK
Bidirectional data 12 for the SDRAM
MEM_DQ13
B5
B3
MEM_CLK
Bidirectional data 13 for the SDRAM
MEM_DQ14
D5
B3
MEM_CLK
Bidirectional data 14 for the SDRAM
MEM_DQ15
A4
B3
MEM_CLK
Bidirectional data 15 for the SDRAM
LED Driver Interface
BLU_PWM
C6
O3
CLK_IN
Blue LED PWM signal used to control the LED current
RED_PWM
C3
O3
CLK_IN
Red LED PWM signal used to control the LED current
GRN_PWM
D3
O3
CLK_IN
Green LED PWM signal used to control the LED current
BLU_STROBE
F1
O1
CLK_IN
Blue LED enable
RED_STROBE
G2
O1
CLK_IN
Red LED enable
GRN_STROBE
F2
O1
CLK_IN
Green LED enable
LED_FAULT
A8
I4
Async
LED fault indication. Signal forces LEDDRV_ON low and RGB
strobes low
LED_ENABLE
T8
I5
Async
LED enable. Signal forces LEDDRV_ON low and RGB strobes
low.
LEDDRV_ON
F3
O1
CLK_IN
LED driver enable
RESERVED
B1
I1
Async
Not used. Reserved for future use.
RESERVED
C2
O1
Async
Not used. Reserved for future use.
Impedance Control(2)
RUP2
PWR
N/A
Bank 4 control
RDN2
PWR
N/A
Bank 4 control
RUP3
PWR
N/A
Bank 5 control
RDN3
PWR
N/A
Bank 5 control
RUP4
PWR
N/A
Bank 7 control
RDN4
PWR
N/A
Bank 7 control
Power and Ground(2)
P1P2V
PWR
N/A
1.2 V core power
P2P5V_DPLL
PWR
N/A
2.5 V filtered power for internal PLL
P1P8V
PWR
N/A
1.8 V I/O power
P2P5V
PWR
N/A
2.5 V I/O power
P3P3V
PWR
N/A
3.3 V I/O power
GND
PWR
N/A
Common digital ground
GNDA
PWR
N/A
Common PLL ground
(2)
To see how these are connected, see the reference schematic
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com