Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 16Page - Texas Instruments TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments TAS5721 Datasheet HTML 19Page - Texas Instruments TAS5721 Datasheet HTML 20Page - Texas Instruments TAS5721 Datasheet HTML 21Page - Texas Instruments TAS5721 Datasheet HTML 22Page - Texas Instruments TAS5721 Datasheet HTML 23Page - Texas Instruments TAS5721 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
PBTL Mode
RL = 8Ω
TA = 25°C
All Channels Driven
G029
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
PBTL Mode
RL = 6Ω
TA = 25°C
All Channels Driven
G030
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.1 SE Mode
RL = 2x8+8Ω
TA = 25°C
All Channels Driven
G026
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
2.1 SE Mode
RL = 2x4+8Ω
TA = 25°C
All Channels Driven
G027
TAS5721
SLOS739 – JULY 2012
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
SPACER
SPACER
SPACER
SPACER
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER IN 2.1 MODE
OUTPUT POWER IN 2.1 MODE
All channels driven
All channels driven
Figure 33.
Figure 34.
SPACER
SPACER
SPACER
SPACER
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER IN PBTL MODE
OUTPUT POWER IN PBTL MODE
All channels driven
All channels driven
Figure 35.
Figure 36.
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com