Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 40Page - Texas Instruments TAS5721 Datasheet HTML 41Page - Texas Instruments TAS5721 Datasheet HTML 42Page - Texas Instruments TAS5721 Datasheet HTML 43Page - Texas Instruments TAS5721 Datasheet HTML 44Page - Texas Instruments TAS5721 Datasheet HTML 45Page - Texas Instruments TAS5721 Datasheet HTML 46Page - Texas Instruments TAS5721 Datasheet HTML 47Page - Texas Instruments TAS5721 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
TAS5721
SLOS739 – JULY 2012
www.ti.com
DETAILED DESCRIPTION AND THEORY OF OPERATION
POWER SUPPLY
To facilitate system design, the TAS5721 needs only a 3.3-V supply in addition to the PVDD power-stage supply.
The required sequencing of the power supplies is shown in the Recommended Use Model section. An internal
voltage regulator provides suitable voltage levels for the gate drive circuitry. Additionally, all circuitry requiring a
floating voltage supply, for example, the high-side gate drive, is accommodated by built-in bootstrap circuitry
requiring only a few external capacitors.
In order to provide good electrical and acoustical characteristics, the PWM signal path for the output stage is
designed as identical, independent half-bridges. For this reason, each half-bridge has separate bootstrap pins
(BSTRPx) and power-stage supply pins (PVDD). The gate drive voltage (GVDD_REG) is derived from the PVDD
voltage. Special attention should be paid to placing all decoupling capacitors as close to their associated pins as
possible. In general, inductance between the power-supply pins and decoupling capacitors must be avoided.
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BSTRPx) to the power-stage output pin (SPK_OUTx). When the power-stage output is low, the bootstrap
capacitor is charged through an internal diode connected between the gate-drive regulator output pin (GVDD_X)
and the bootstrap pin. When the power-stage output is high, the bootstrap capacitor potential is shifted above the
output potential and thus provides a suitable voltage supply for the high-side gate driver. As shown in the Typical
Application Circuits section, it is recommended to use ceramic capacitors, for the bootstrap supply pins. These
capacitors ensure sufficient energy storage, even during minimal PWM duty cycles, to keep the high-side power
stage FET (LDMOS) fully turned on during the remaining part of the PWM cycle.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each half-bridge has independent power-stage supply pins (PVDD). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD pin is
decoupled with a ceramic capacitor placed as close as possible to each supply pin, as shown in the Typical
Application Circuits section.
The TAS5721 is fully protected against erroneous power-stage turn-on due to parasitic gate charging.
I
2C Address Selection and Fault Output
ADR/FAULT is an input pin during power up. It can be pulled HIGH or LOW through a resistor as shown in the
Typical Application Circuits section in order to set the I2C address. Pulling this pin HIGH through the resistor
results in setting the I2C 7-bit address to 0011011 (0x36), and pulling it LOW through the resistor results in
setting the address to 0011010 (0x34).
During power up, the address of the device is latched in, freeing up the ADR/FAULT pin to be used as a fault
notification output. When configured as a fault output, the pin will go low when a fault occurs and will return to it's
default state when register 0x02 is cleared. The device will pull the fault pin low for over-current, over-
temperature, over-voltage lock-out, and under-voltage lock-out.
DEVICE PROTECTION SYSTEM
Overcurrent (OC) Protection With Current Limiting
The device has independent, fast reacting current detectors on all high-side and low-side power-stage FETs. The
detector outputs are closely monitored by a protection system. If the high-current condition situation persists, a
protection system triggers a latching shutdown, resulting in the power stage being set in the high-impedance (Hi-
Z) state. After the power stage enters into this state, the power stage will attempt to restart after a period of time
defined in register 0x1C. If the high-current condition persists, the device will begin the shutdown and retry
sequence again. The device will return to normal operation once the fault condition is removed. Current limiting
and overcurrent protection are not independent for half-bridges. That is, if the bridge-tied load between half-
bridges A and B causes an overcurrent fault, half-bridges A, B, C, and D are shut down.
44
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com