Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 20Page - Texas Instruments TAS5721 Datasheet HTML 21Page - Texas Instruments TAS5721 Datasheet HTML 22Page - Texas Instruments TAS5721 Datasheet HTML 23Page - Texas Instruments TAS5721 Datasheet HTML 24Page - Texas Instruments TAS5721 Datasheet HTML 25Page - Texas Instruments TAS5721 Datasheet HTML 26Page - Texas Instruments TAS5721 Datasheet HTML 27Page - Texas Instruments TAS5721 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
Driver
VO = 1Vrms
DRVDD = 3.3V
RL = 16Ω
TA = 25°C
G045
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
Driver
VO = 1Vrms
DRVDD = 3.3V
RL = 32Ω
TA = 25°C
G046
0.001
0.01
0.1
1
10
0.01
0.1
1
4
Output Voltage (V)
RL = 5kΩ
RL = 10kΩ
Driver
DRVDD = 3.3V
f = 1kHz
TA = 25°C
G043
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Right to Left
Left to Right
Driver
VO = 1Vrms
DRVDD = 3.3V
RL = 5kΩ
TA = 25°C
G044
TAS5721
SLOS739 – JULY 2012
www.ti.com
LINE DRIVER TYPICAL CHARACTERISTICS
SPACER
SPACER
SPACER
SPACER
TOTAL HARMONIC DISTORTION + NOISE
CROSSTALK
vs
vs
OUTPUT VOLTAGE HEADPHONE WITH DRVDD = 3.3 V
FREQUENCY HEADPHONE WITH DRVDD = 3.3 V
Figure 48.
Figure 49.
SPACER
SPACER
SPACER
SPACER
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY HEADPHONE WITH DRVDD = 3.3 V
FREQUENCY HEADPHONE WITH DRVDD = 3.3 V
Figure 50.
Figure 51.
24
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com