Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 50Page - Texas Instruments TAS5721 Datasheet HTML 51Page - Texas Instruments TAS5721 Datasheet HTML 52Page - Texas Instruments TAS5721 Datasheet HTML 53Page - Texas Instruments TAS5721 Datasheet HTML 54Page - Texas Instruments TAS5721 Datasheet HTML 55Page - Texas Instruments TAS5721 Datasheet HTML 56Page - Texas Instruments TAS5721 Datasheet HTML 57Page - Texas Instruments TAS5721 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
CH1_audio
CH2_audio
PWM1
PWM2
OFF3
OFF4
B0488-01
D (Off)
B (Off)
C (R–)
–
–
A (L+)
+
+
CH1_audio
PWM1
PWM3
OFF2
OFF4
B0488-02
–
+
D (Off)
B (Off)
C (L–)
A (L+)
CH1_audio
CH3_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-04
D (S )
–
B (
)
R–
C (S+)
A (L+)
CH1_audio
CH3_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-03
D (S )
–
B (
)
R–
C (S+)
A (L+)
CH1_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-02
D (
)
R–
B (L )
–
C (R+)
A (L+)
CH1_audio
CH2_audio
PWM1
PWM2
PWM3
PWM4
B0487-01
D (
)
R–
B (L )
–
C (R+)
A (L+)
TAS5721
SLOS739 – JULY 2012
www.ti.com
Table 21. Output Configuration Quick Reference
Output
Modulation Mode
Register Settings
Block Diagram
Configuration
0x20[23] = 0
0x20[19] = 0
0x20[15:8] = 0x77
AD for Both Outputs
0x05[7] = 0
0x05[2] = 0
0x25[23:8] = 0x0213
0x1A[7:0] = 0x0F
2.0 (Stereo BTL)
0x20[23] = 1
0x20[19] = 1
0x20[15:8] = 0x77
BD for Both Outputs
0x05[7] = 0
0x05[2] = 0
0x25[23:8] = 0x0213
0x1A[7:0] = 0x0A
0x20[23] = 0
0x20[19] = 0
Single Device 2.1
0x20[3] = 0
(Stereo Single
0x05[7] = 1
Ended + Mono
AD for Both SE Outputs
0x05[2] = 1
BTL)
AD for Single BTL
0x25[23:8] = 0x0132
Note: In these
Output
0x1A[7:0] = 0x95
described
0x20[7:4] = 0x7
configurations, the
0x21[8] = 0
polarity of the
0x20[25] = 1
signal being sent to
SPK_OUTB is
0x20[23] = 0
inverted. For this
0x20[19] = 0
reason, care
0x20[3] = 1
should be taken to
0x05[7] = 1
AD for both SE Outputs
ensure that the
0x05[2] = 1
BD for Single BTL
speakers are
0x25[23:8] = 0x0132
Output
connected as
0x1A[7:0] = 0x95
shown in the block
0x20[7:4] = 0x7
diagram.
0x21[8] = 0
0x20[25] = 1
0x05[7] = 0
0x05[5] = 0
0x05[2] = 0
0x19[7:0] = 0x3A
AD
0x1A[7:0] = 0x0F
0x20[23] = 0
0x20[15:12] = 0x7
0x25[23:8] = 0x0123
1.0 Mono PBTL
0x05[7] = 0
0x05[5] = 0
0x05[2] = 0
0x19[7:0] = 0x3A
BD
0x1A[7:0] = 0x0A
0x20[23] = 1
0x20[15:12] = 0x7
0x25[23:8] = 0x0123
2.1-Mode Support
The TAS5721 uses a special mid-Z ramp sequence to reduce click and pop in SE-mode and 2.1-mode operation.
To enable the mid-Z ramp, register 0x05 bit D7 must be set to 1. To enable 2.1 mode, register 0x05 bit D2 must
be set to 1. The SSTIMER pin should be left floating in this mode.
54
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com