Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 58Page - Texas Instruments TAS5721 Datasheet HTML 59Page - Texas Instruments TAS5721 Datasheet HTML 60Page - Texas Instruments TAS5721 Datasheet HTML 61Page - Texas Instruments TAS5721 Datasheet HTML 62Page - Texas Instruments TAS5721 Datasheet HTML 63Page - Texas Instruments TAS5721 Datasheet HTML 64Page - Texas Instruments TAS5721 Datasheet HTML 65Page - Texas Instruments TAS5721 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
OPAMP
C
o
Mute Circuit
Output
MUTE
9–12 V
+
+
+
–
Conventional Solution
Mute Circuit
Output
DR_SD
3.3 V
+
–
TAS5721 Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath
TAS5721
TAS5721
SLOS739 – JULY 2012
www.ti.com
USING LINE DRIVER AMPLIFIER IN TAS5721
Single-supply headphone and line driver amplifiers typically require dc-blocking capacitors. The top drawing in
Figure 74 illustrates the conventional line driver amplifier connection to the load and output signal.
DC blocking capacitors for headphone amps are often large in value, and a mute circuit is needed during power
up to minimize click and pop for both headphone and line driver. The output capacitors and mute circuits
consume PCB area and increase cost of assembly, and can reduce the fidelity of the audio output signal.
Figure 74. Conventional and DirectPath HP and Line Driver
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail.
Combining the user provided positive rail and the negative rail generated by the IC, the device operates in what
is effectively a split supply mode.
The output voltages are now centered at zero volts with the capability to swing to the positive rail or negative rail,
combining this with the built in click and pop reduction circuit, the DirectPath amplifier requires no output dc
blocking capacitors.
The bottom block diagram and waveform of Figure 74 illustrate the ground-referenced headphone and line driver
architecture. This is the architecture of the TAS5721.
COMPONENT SELECTION
Charge Pump
The charge pump flying capacitor serves to transfer charge during the generation of the negative supply voltage.
The capacitor connected to the DR_VSS pin must be at least equal to the charge pump capacitor in order to
allow maximum charge transfer. Low ESR capacitors are an ideal selection, and a value of 1 µF is typical.
Capacitor values that are smaller than 1 µF are not recommended for the DR_VSS pin as they will limit the
negative voltage swing when driving low impedance loads.
62
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com