Electronic Components Datasheet Search
  English  ▼

X  

TAS5721 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments TAS5721 Datasheet HTML 15Page - Texas Instruments TAS5721 Datasheet HTML 16Page - Texas Instruments TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments TAS5721 Datasheet HTML 19Page - Texas Instruments TAS5721 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4Ω
RL = 6Ω
RL = 8Ω
PBTL Mode
PVDD = 24V
PO = 1W
TA = 25°C
G012
10
20
30
40
50
60
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 4Ω
RL = 6Ω
RL = 8Ω
2.0 BTL Mode
TA = 25°C
G013
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4Ω
RL = 6Ω
RL = 8Ω
PBTL Mode
PVDD = 12V
PO = 1W
TA = 25°C
G010
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4Ω
RL = 6Ω
RL = 8Ω
PBTL Mode
PVDD = 18V
PO = 1W
TA = 25°C
G011
TAS5721
SLOS739 – JULY 2012
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
SPACER
SPACER
SPACER
SPACER
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY IN PBTL MODE WITH PVDD = 12 V
FREQUENCY IN PBTL MODE WITH PVDD = 18 V
Figure 17.
Figure 18.
SPACER
SPACER
SPACER
SPACER
TOTAL HARMONIC DISTORTION + NOISE
2.0 IDLE CHANNEL NOISE
vs
vs
FREQUENCY IN PBTL MODE WITH PVDD = 24 V
PVDD
Figure 19.
Figure 20.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com