Electronic Components Datasheet Search
  English  ▼

X  

TC246 Datasheet(PDF) 5 Page - Texas Instruments

Part # TC246
Description  680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC246 Datasheet(HTML) 5 Page - Texas Instruments

  TC246 Datasheet HTML 1Page - Texas Instruments TC246 Datasheet HTML 2Page - Texas Instruments TC246 Datasheet HTML 3Page - Texas Instruments TC246 Datasheet HTML 4Page - Texas Instruments TC246 Datasheet HTML 5Page - Texas Instruments TC246 Datasheet HTML 6Page - Texas Instruments TC246 Datasheet HTML 7Page - Texas Instruments TC246 Datasheet HTML 8Page - Texas Instruments TC246 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
658 Active Pixels
400 Multiplication Pixels
658 Active Pixels
4 Dark Isolation Lines
20 Dark Reference Pixels
2 Dark Isolation Pixels
2 Dark
Isolation Pixels
279 Dummy Pixels
3 Dummy
Pixels
20 Dark
Reference Pixels
Antiblooming Drain
<Image Cell Topologies>
10um Square
PD-Cell
V-Cell
Mg
<Color Filter Topologies>
Complementary Color Filter
Cy = Cyan
Ye = Yellow
Mg = Magenta
G = Green
G
Cy Ye
Mg G
Cy Ye
G
Mg
Cy Ye
G Mg
Cy Ye
TC246
www.ti.com
SOCS096 – JULY 2010
Sensor Topology Diagram - TC246CYM-B0
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CMG
4
I
Charge multiplication gate
FP
11
-
Field plate (connect external capacitor)
IAG1
22
I
Image area gate 1
IAG2
21
I
Image area gate 2
NC
8
-
No connection
ODB
23
I
Supply voltage for anti-blooming drain
OUT
10
O
Output signal, multiplier channel
P(-)
17, 18
I
Peltier cooler negative power supply
P(+)
19, 20
I
Peltier cooler positive power supply
RST
5
I
Reset gate
SAG1
16
I
Storage area gate 1
SAG2
15
I
Storage area gate 2
SRG1
2
I
Serial register gate 1
SRG2
3
I
Serial register gate 2
1, 7, 12, 13,
SUB
Chip substrate
24
THER
6
I
Thermistor (NTC: negative temperature coefficient)
VCLD
14
I
Supply voltage for clearing drain and ESD protection circuits
VDD
9
I
Supply voltage for amplifiers
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TC246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com