Electronic Components Datasheet Search
  English  ▼

X  

TC246 Datasheet(PDF) 12 Page - Texas Instruments

Part # TC246
Description  680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC246 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TC246 Datasheet HTML 8Page - Texas Instruments TC246 Datasheet HTML 9Page - Texas Instruments TC246 Datasheet HTML 10Page - Texas Instruments TC246 Datasheet HTML 11Page - Texas Instruments TC246 Datasheet HTML 12Page - Texas Instruments TC246 Datasheet HTML 13Page - Texas Instruments TC246 Datasheet HTML 14Page - Texas Instruments TC246 Datasheet HTML 15Page - Texas Instruments TC246 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TC246
SOCS096 – JULY 2010
www.ti.com
How to Measure Streaking Value
Driving timing:
1. The electron in V-cell is cleared by 750 lines (1.5 times normal operation) vertical transferring from V-cell to
storage area.
2. The electron in PD-cell is moved to V-cell.
3. The electron in 250 V-cell is moved to storage area by 250 parallel pulses (0.5 times as normal operation).
4. The electron in the last line of storage area is moved to serial resister.
5. The electron in serial resister is moved out by 2046 serial pulses (3 times as normal operation).
6. All the electrons in storage area are moved out by repeated 500 times both (4) and (5). Then the following
image is out.
Measurement condition:
CMG: 1000 times
Thermistor temperature: -15°C
Light intensity: 10 Lx
Calculation:
The value of streaking is difference between the average of the electron in streaking area and the one in
area B.
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TC246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com