Electronic Components Datasheet Search
  English  ▼

X  

TC246 Datasheet(PDF) 7 Page - Texas Instruments

Part # TC246
Description  680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC246 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TC246 Datasheet HTML 3Page - Texas Instruments TC246 Datasheet HTML 4Page - Texas Instruments TC246 Datasheet HTML 5Page - Texas Instruments TC246 Datasheet HTML 6Page - Texas Instruments TC246 Datasheet HTML 7Page - Texas Instruments TC246 Datasheet HTML 8Page - Texas Instruments TC246 Datasheet HTML 9Page - Texas Instruments TC246 Datasheet HTML 10Page - Texas Instruments TC246 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TC246
www.ti.com
SOCS096 – JULY 2010
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VDD, VCLD(2)
0 V to 15 V
VSS
Supply voltage range
ODB
0 V to 22 V
IAG1, SAG1, SAG2
-10 V to 10 V
IAG2
-10 V to 13 V
VI
Input voltage range
SRG1, SRG2, RST
0 V to 10 V
CMG
-5 V to 22 V
Vcool
Supply voltage range(3)
P+
0 V to 5.5 V
Icool
Supply current range(3)
P+
0 A to 1.4 A
Ith
Supply current range
THER
0 mA to 0.31 mA
TA
Operating free-air temperature range
-20°C to 75°C
Tstg
Storage temperature range
-30°C to 85°C
TC
Operating case temperature range
-20°C to 75°C
Dew point inside the package(3)
Lower than -20°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to substrate terminal.
(3)
The peltier cooler generates heat during cooling process. Heat must be removed through an external heat sink. To avoid condensation
upon the surface, do not cool the CCD to less than -20°C.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TC246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com