Electronic Components Datasheet Search
  English  ▼

X  

TC246 Datasheet(PDF) 8 Page - Texas Instruments

Part # TC246
Description  680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC246 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TC246 Datasheet HTML 4Page - Texas Instruments TC246 Datasheet HTML 5Page - Texas Instruments TC246 Datasheet HTML 6Page - Texas Instruments TC246 Datasheet HTML 7Page - Texas Instruments TC246 Datasheet HTML 8Page - Texas Instruments TC246 Datasheet HTML 9Page - Texas Instruments TC246 Datasheet HTML 10Page - Texas Instruments TC246 Datasheet HTML 11Page - Texas Instruments TC246 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TC246
SOCS096 – JULY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VSS
Substrate bias
0
V
VDD
13.5
14
14.5
VDD
Supply voltage
VCLD
13.5
14
14.5
V
ODB(1)
4.5
6.5
High
3
3.3
3.6
IAG1
Low
-5.8
-5.5
-5.2
High
9.5
10
10.5
IAG2
Mid
3
3.3
3.6
Low
-5.8
-5.5
-5.2
High
3
3.3
3.6
SAG1
Low
-5.8
-5.5
-5.2
High
3
3.3
3.6
SAG2
VI
Input voltage
Low
-5.8
-5.5
-5.2
V
High
7.5
8
8.5
SRG1
Low
0
High
7.5
8
8.5
SRG2
Low
0
High
7
22
CMG(2)
Low
-3
-2.5
-2
High
5.5
6
6.5
RST
Low
0
SAG1, SAG2
1.5
IAG1, IAG2
1.5
fCLK
Clock frequency
SRG1, SRG2, RST
12.5
25
MHz
CMG
12.5
25
Load capacitance
OUT
6
Dew point inside the package (3)
-20
°C
TA
Operating free-air temperature
-20
25
55
°C
(1)
Adjustment within the specified MIN/MAX range is required to optimize performance.
(2)
Charge multiplication gain depends on high level of the CMG and temperature.
(3)
-20°C should be the minimum temperature of the cooled CCD.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TC246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com