Electronic Components Datasheet Search
  English  ▼

X  

TC246 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC246
Description  680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC246 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC246 Datasheet HTML 6Page - Texas Instruments TC246 Datasheet HTML 7Page - Texas Instruments TC246 Datasheet HTML 8Page - Texas Instruments TC246 Datasheet HTML 9Page - Texas Instruments TC246 Datasheet HTML 10Page - Texas Instruments TC246 Datasheet HTML 11Page - Texas Instruments TC246 Datasheet HTML 12Page - Texas Instruments TC246 Datasheet HTML 13Page - Texas Instruments TC246 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TC246
SOCS096 – JULY 2010
www.ti.com
OPTICAL CHARACTERISTICS
TA = 25°C, integration time = 16.67 ms (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Red
2700
Without IR-cut filter
Green
1700
Blue
1300
With typical CCM gain
Red
150
With IR-cut filter
Green
200
Sensitivity(1)
Blue
110
RGB Type TC246RGB-B0
V/lx sec
Red
27
Progressive scan operation
Without IR-cut filter
Green
17
Blue
13
Without CCM gain
Red
1.5
With IR-cut filter
Green
2
Blue
1.1
Cyan
2420
Yellow
3735
Without IR-cut filter
Magenta
3195
Green
2100
With typical CCM gain
Cyan
280
Yellow
475
With IR-cut filter
Magenta
275
Green
240
Sensitivity(1)
CYM Type TC246CYM-B0
Cyan
24
V/lx sec
Progressive scan operation
Yellow
37
Without IR-cut filter
Magenta
32
Green
21
Without CCM gain
Cyan
2.8
Yellow
4.8
With IR-cut filter
Magenta
2.7
Green
2.4
No CCM gain
400
Anti blooming enabled, no CCM gain
180
Saturation signal output(2)
mV
With typical CCM gain
1500
Zero input offset output(3)
100
mV
Blooming overload ratio(4)
500:1
Image area well capacity
28k
e
Smear(5)
-84
dB
Dark current(6)
0.01
nA/cm2
Dark signal(7)
0.01
mV
(1)
Light source temperature is 2856 °K. The IR filter used is CM500 1 mm thick.
(2)
Saturation is the condition in which further increase in exposure does not lead to further increases in output signal.
(3)
Zero input offset is the residual output signal measured from the reset level with no input charge present. This level is not caused by the
dark current and remains approximately constant independent of temperature. It may vary with the amplitude of SRG1.
(4)
Blooming is the condition in which charge induced by light in one element spills over to the neighboring elements.
(5)
Smear is the measure of error signal introduced into the pixels by transferring them through the illuminated region into the memory. The
illuminated region is 1/10 of the image area height. The value in the table is obtained for the integration time of 33.3 ms and 1.5 MHz
vertical clock transfer frequency.
(6)
Dark current depends on temperature and approximately doubles every 8 Co. Dark current is also multiplied by CCM operation. The
value given in the table is with the multiplier turned off and it is a calculated value.
(7)
Dark signal is actual device output measured in dark.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TC246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com