Electronic Components Datasheet Search
  English  ▼

X  

TC246 Datasheet(PDF) 9 Page - Texas Instruments

Part # TC246
Description  680 x 500 PIXEL IMPACTRON??COLOR CCD IMAGE SENSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC246 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TC246 Datasheet HTML 5Page - Texas Instruments TC246 Datasheet HTML 6Page - Texas Instruments TC246 Datasheet HTML 7Page - Texas Instruments TC246 Datasheet HTML 8Page - Texas Instruments TC246 Datasheet HTML 9Page - Texas Instruments TC246 Datasheet HTML 10Page - Texas Instruments TC246 Datasheet HTML 11Page - Texas Instruments TC246 Datasheet HTML 12Page - Texas Instruments TC246 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TC246
www.ti.com
SOCS096 – JULY 2010
ELECTRICAL CHARACTERISTICS
TA = 25°C, integration time = 16.67 ms (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Charge multiplication gain
1
100
Excess noise factor for typical CCM gain(1)
1
1.4
Dynamic range without CCM gain
63
dB
Dynamic range with typical CCM gain (2)
75
dB
Charge conversion gain without CCM gain(3)
14
µV/e
Signal-response delay time(4)
16
ns
Output resistance
320
Ω
Amplifier noise-equivalent signal without CCM gain(5)
20
e
Amplifier noise-equivalent signal with typical CCM gain(5)
1
e
Response linearity with no CCM gain
1
Response linearity with typical CCM gain
1
Charge-transfer efficiency(6)
Parallel transfer
0.99994
1
Serial transfer
0.99994
1
Supply current
2
mA
IAG1
3
IAG2
7
IAG1, IAG2
3
nF
SAG1
4
SAG2
5
Input capacitance
SAG1, SAG2
3
SRG1
85
SRG2
55
CMG
25
pF
ODB
2000
RST
7
(1)
Excess noise factor "F" is defined as the ratio of noise sigma after multiplication divided by M times the noise sigma before multiplication
where M is the charge multiplication gain.
(2)
Dynamic range is -20 times the logarithm of the noise sigma divided by the saturation-output signal amplitude
(3)
Charge conversion factor is defined as the ratio of output signal to input number of electrons.
(4)
Signal-response delay time is the time between the falling edge of the SRG1 pulse and the output-signal valid state.
(5)
The values in the table are quoted using correlated double sampling (CDS). CDS is a signal processing technique that improves
performance by minimizing undesirable effects of reset noise.
(6)
Charge transfer efficiency is one minus the charge loss per transfer in the CCD register. The test is performed in the dark using either
electrical or optical input.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TC246



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com