Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 31Page - NXP Semiconductors BLF175 Datasheet HTML 32Page - NXP Semiconductors BLF175 Datasheet HTML 33Page - NXP Semiconductors BLF175 Datasheet HTML 34Page - NXP Semiconductors BLF175 Datasheet HTML 35Page - NXP Semiconductors BLF175 Datasheet HTML 36Page - NXP Semiconductors BLF175 Datasheet HTML 37Page - NXP Semiconductors BLF175 Datasheet HTML 38Page - NXP Semiconductors BLF175 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
36
NXP Semiconductors RF Manual 16th edition
1.6.2 E-metering, RF generic front-end with a single antenna / ZigBee
Application diagram
bra850
LOW
FREQUENCY
CHIP SET
SPDT
switch
VCO
mixer
filter
LNA
filter
antenna
buffer
VCO
driver
PA
filter
Recommended products
Function
Product
Package
Type
SPDT Switch
RF diode
Bandswitch
diode
SOD523
BA277
SOD323
BA591
PIN diode
Various
BAP51^
Various
BAP1321^
Function
Product
Package
Type
LNA
RF transistor
SiGe:C transistor SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
MMIC
SiGe:C MMIC
SOT886
BGU7003W
Function
Product
Package
Type
Driver
RF bipolar
transistor
Wideband
transistor
SOT343
BFG425W
MMIC
Gen-purp
wideband amp
SOT363
BGA2771
SOT363
BGA2866
^ Also available in ultra-small leadless package SOD882D
Function
Product
Package
Type
Mixer
RF bipolar
transistor
Wideband
transistor
SOT343
BFG410W
SOT343
BFG425W
SOT343
BFG480W
MMIC
Linear mixer
SOT363
BGA2022
Function
Product
Package
Type
Buffer
RF bipolar
transistor
Wideband
transistor
SOT23
PBR951
SOT323
PRF957
SOT323
PRF947
SOT416
PRF949
Function
Product
Package
Type
Medium power
amplifier
RF bipolar
transistor
Wideband
transistor
SOT343
BFG21W
MMIC
General-
purpose
wideband
amplifier
SOT89
BGA6289
BGA6489
BGA6589
SOT908
BGA7124
SOT908
BGA7127
Function
Product
Package
Type
VCO
Varicap
diodes
VCO varicap
diodes
SOD523
BB198
SOD323
BB156
Product highlight:
BGA7127 MMIC medium power amplifier
The BGA7127 MMIC is a one-stage driver amplifier offered in a
low-cost, ultra-small SOT908 leadless package. It delivers 27 dBm
output power at 1 dB gain compression and superior performance
for various narrowband-tuned application circuits at frequencies up
to 2700 MHz.
Features
` Operating range: 400 to 2700 MHz
` 16 dB small signal gain at 2 GHz
` 27 dBm output power at 1 dB gain compression
` Integrated active biasing
` 3.3 / 5 V single-supply operation
` Simple quiescent current adjustment
` 1 μA shutdown mode
Looking for a wireless microcontroller platform with chipsets, modules and supporting software?
See section 2.5.6 Setting the benchmark for ultra low-power and high-performance wireless
connectivity solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com