Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 43Page - NXP Semiconductors BLF175 Datasheet HTML 44Page - NXP Semiconductors BLF175 Datasheet HTML 45Page - NXP Semiconductors BLF175 Datasheet HTML 46Page - NXP Semiconductors BLF175 Datasheet HTML 47Page - NXP Semiconductors BLF175 Datasheet HTML 48Page - NXP Semiconductors BLF175 Datasheet HTML 49Page - NXP Semiconductors BLF175 Datasheet HTML 50Page - NXP Semiconductors BLF175 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
48
NXP Semiconductors RF Manual 16th edition
2.1.4
ThenewgenerationofLDMOSRFpowerforwirelessinfrastructures:NXP'sGen8
NXP announced last year the 8th generation of its renowned RF power device portfolio for base stations.
Listening carefully to the world’s leading infrastructure providers and understanding their requirements, we
took a holistic approach to the development of Gen8. This means that we scrutinized every detail of a power
transistor and reconsidered the entire “transistor system” to ceate a new generation that performs markedly
better than its predecessors, and its competitors, and again sets standards for the industry.
Gen8 addresses the key trends in the wireless
infrastructure industry
` Increasing signal bandwidths up to 100 MHz to enable
full-band operation
` Cost sensitivity: peak powers up to 270 Watts in SOT502-
sized packages
` Reduction in the size/weight/volume of the cabinet
` The ongoing need for greater electrical efficiency to reduce
cooling requirements and operational expenditures
` Ever-increasing output power
` The need to deploy multi-standard and future-proof
solutions
Gen8 is the answer to all these often conflicting requirements.
The package and die design, as well as the input and output
match structures, have been optimized to enable wideband,
affordable, compact, multi-standard, and highly efficient
Doherty power amplifiers. Solutions for all cellular frequency
bands are currently being sampled and are in production or
will be released throughout 2012.
The first wave of Gen8 transistors
Type
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
Package
Planned
release
Description
BLF8G10L(S)-160
920
960
160
I/O
SOT502
Released
Gen8 ceramic LDMOS transistor for GSM, WCDMA &
LTE applications
BLF8G10L(S)-160V
700
1000
160
I/O
SOT1244
Released
Gen8 ceramic LDMOS transistor for GSM, WCDMA &
LTE applications
BLF8G10LS-200GV
700
1000
200
I/O
SOT1244C
Q412
Gen8 ceramic LDMOS transistor for GSM, WCDMA &
LTE applications (gull-wing)
BLF8G10LS-270GV
700
1000
270
I/O
SOT1244C
Q412
Gen8 ceramic LDMOS transistor for GSM, WCDMA &
LTE applications (gull-wing)
BLF8G10L(S)-300P
850
960
300
I/O
SOT539
Q312
Gen8 ceramic push-pull LDMOS transistor for GSM,
WCDMA & LTE applications (gull-wing)
BLF8G10LS-400PGV
700
1000
400
I/O
SOT1242C
Q412
Gen8 ceramic push-pull LDMOS transistor for GSM,
WCDMA & LTE applications (gull-wing)
BLF8G20L(S)-200V
1800
2000
200
I/O
SOT1120
Released
Gen8 ceramic LDMOS transistor for GSM & LTE
applications
BLF8G20LS-270GV
1800
2000
270
I/O
SOT1244C
Q412
Gen8 ceramic LDMOS transistor for GSM & LTE
applications (gull-wing)
BLF8G20LS-270PGV
1800
2000
270
I/O
SOT1242C
Q412
Gen8 ceramic push-pull LDMOS transistor for GSM &
LTE applications (gull-wing)
BLF8G22LS-160BV
2000
2200
160
I/O
SOT1120B
Released
Gen8 ceramic LDMOS transistor for WCDMA & LTE
applications
BLF8G22LS-200GV
2000
2200
200
I/O
SOT1244C
Q312
Gen8 ceramic LDMOS transistor for WCDMA & LTE
applications (gull-wing)
BLF8G22LS-270GV
2000
2200
270
I/O
SOT1244C
Q312
Gen8 ceramic LDMOS transistor for WCDMA & LTE
applications (gull-wing)
BLF8G22LS-400PGV
2000
2200
400
I/O
SOT1242C
Q312
Gen8 ceramic push-pull LDMOS transistor for
WCDMA & LTE applications (gull-wing)
BLF8G24L(S)-200P
2300
2400
200
I/O
SOT539
Q312
Gen8 ceramic push-pull LDMOS transistor for
WCDMA & LTE applications
BLF8G27LS-140G
2500
2700
140
I/O
SOT502E
Q412
Gen8 ceramic LDMOS transistor for WCDMA & LTE
applications (gull-wing)
BLF8G27LS-140V
2600
2700
140
I/O
SOT1244B
Q412
Gen8 ceramic LDMOS transistor for WCDMA & LTE
applications
BLF8G27LS-200PGV
2500
2700
200
I/O
SOT1242C
Q412
Gen8 ceramic push-pull LDMOS transistor for
WCDMA & LTE applications (gull-wing)
BLF8G27LS-280PGV
2500
2700
280
I/O
SOT1242C
Q412
Gen8 ceramic push-pull LDMOS transistor for
WCDMA & LTE applications (gull-wing)
Note: All devices are internally matched (I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com