Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 34Page - NXP Semiconductors BLF175 Datasheet HTML 35Page - NXP Semiconductors BLF175 Datasheet HTML 36Page - NXP Semiconductors BLF175 Datasheet HTML 37Page - NXP Semiconductors BLF175 Datasheet HTML 38Page - NXP Semiconductors BLF175 Datasheet HTML 39Page - NXP Semiconductors BLF175 Datasheet HTML 40Page - NXP Semiconductors BLF175 Datasheet HTML 41Page - NXP Semiconductors BLF175 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 130 page
background image
39
NXP Semiconductors RF Manual 16th edition
1.6.5 Medical imaging
Application diagram
Product highlight:
LDMOS in emerging medical applications
NXP’s line of 50 V high-voltage LDMOS devices enables highest
power output and features unequalled ruggedness for pulsed
operation in MRI and NMR applications. The high power densities
enable compact amplifier design.
Features
` Best broadband efficiency
` Highest power (density) devices
` Unrivalled ruggedness
` Consistent device performance
brb434
RF coils
Gradient coils
Magnet
RF amplifier
X GRADIENT
AMPLIFIER
Y GRADIENT
AMPLIFIER
WAVEFORM
GENERATOR
Z GRADIENT
AMPLIFIER
RF
ELECTRONICS
COMPUTER
ADC
IMAGE
DISPLAY
Looking for more information on medical applications?
See section 2.5.1 Medical applications driven by RF power: From imaging
to cancer treatment, a flexible and versatile technology in the doctor’s toolbox
Recommended products
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
Package
Type
HPA
Driver
1
2500
12
SOT975
BLF25M612(G)*
10
500
20
SOT467C
BLF571
Final
1
1000
100
SOT467
BLF871(S)
10
500
300
SOT502
BLF573(S)
10
500
600
SOT539A
BLF574
10
500
600
SOT539
BLF574XR(S)*
10
500
1200
SOT539A
BLF578
10
500
1400
SOT539
BLF578XR(S)
688
1000
200
SOT502
BLF6G10(LS)-200RN
700
1000
135
SOT502
BLF6G10(LS)-135RN
700
1000
160
SOT502
BLF6G10(LS)-160RN
2400
2500
140
SOT502
BLF2425M7L(S)140
2400
2500
180
SOT539
BLF2425M6L(S)180P*
2400
2500
200
SOT502
BLF2425M7L(S)200*
2400
2500
250
SOT539
BLF2425M7L(S)250P
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com