Electronic Components Datasheet Search
  English  ▼

X  

BLF175 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # BLF175
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF175 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button BLF175 Datasheet HTML 44Page - NXP Semiconductors BLF175 Datasheet HTML 45Page - NXP Semiconductors BLF175 Datasheet HTML 46Page - NXP Semiconductors BLF175 Datasheet HTML 47Page - NXP Semiconductors BLF175 Datasheet HTML 48Page - NXP Semiconductors BLF175 Datasheet HTML 49Page - NXP Semiconductors BLF175 Datasheet HTML 50Page - NXP Semiconductors BLF175 Datasheet HTML 51Page - NXP Semiconductors BLF175 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 130 page
background image
49
NXP Semiconductors RF Manual 16th edition
2.2Broadbandcommunicationinfrastructure
2.2.1
Connectingpeople,protectingyournetwork:NXP'sCATVC-familyfortheChinese
SARFTstandard
Specially designed for the Chinese Hybrid Fiber Coax (HFC) infrastructure, NXP's CATV C-family offers a
total solution for cable TV networks. It is both flexible enough for connecting rural communities as part of
China’s "Connecting to Every Village" program and powerful enough for upgrading major cities from analog
to high-end digital services. All C-type devices are compliant with the Chinese State Administration for Radio,
Film and Television (SARFT) standard, and cover most HFC applications in the 550 MHz to 1 GHz range.
Products
` BGY588C, BGE788C and CGY888C push-pull amplifiers
` BGD712C, CGD944C, CGD942C, CGD982HCi, CGD985HCi
and CGD987HCi power doublers
` BGO807C, BGO807CE optical receivers
Benefits
` Compliant with Chinese SARFT HFC networks standard
` Transparent cap allows confirmation of product authenticity
` Rugged construction
` Highest by Design internal ESD protection
Features
` Excellent linearity, stability, and reliability
` High power gain
` Extremely low noise
` Silicon nitride passivity
` GaAs HFET dies for high-end devices
The BGY588C, BGE788C and BGD712C devices cover
the frequency range from 550 MHz to 750 MHz. Extending
the C-family portfolio into the high-end segment, the
CGD944C, CGD942C, CGY888C and BGO807C operate
between 40 and 870 MHz and have been specifically tested
under Chinese raster conditions. Manufactured using our GaAs
HFET die process, the CGD942C and CGD944C are high-gain,
high-performance 870 MHz power doublers. The CGD982HCi,
CGD985HCi and CGD987HCi operate from 40 to 1003 MHz
and are specified for 870 MHz and 1 GHz. These power
doublers are optimized for the Chinese SARFT standard. They
are capable of satisfying the demanding requirements of top-
end applications, including high-power optical nodes.
Our GaAs HFET MMIC dies are designed to provide the best
ESD protection levels, without the external TVS components
normally used with GaAs pHEMT devices.
All CATV C-type devices feature a transparent cap that makes
it easy to distinguish them from counterfeit products.
NXPC-familybyapplication
Application
BGY588C
BGE788C
CGY888C
BGD712C
BGO807C
BGO807CE
CGD942C
CGD944C
CGD982HCi
CGD985HCi
CGD987HCi
Optical node
•
•
•
•
Optical receiver
•
•
•
•
Distribution amplifier
•
•
•
•
Line-extender amplifier
•
•
•
•
Terminating amplifier
•
•
•
C-family application information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com